Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver IF sampling frequencies to 400 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 30Page - Analog Devices AD6649EBZ Datasheet HTML 31Page - Analog Devices AD6649EBZ Datasheet HTML 32Page - Analog Devices AD6649EBZ Datasheet HTML 33Page - Analog Devices AD6649EBZ Datasheet HTML 34Page - Analog Devices AD6649EBZ Datasheet HTML 35Page - Analog Devices AD6649EBZ Datasheet HTML 36Page - Analog Devices AD6649EBZ Datasheet HTML 37Page - Analog Devices AD6649EBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
AD6649
Rev. 0 | Page 34 of 40
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
0x1F
User Test
Pattern 4 LSB
(global)
User Test Pattern 4[7:0]
0x00
0x20
User Test
Pattern 4 MSB
(global)
User Test Pattern 4[15:8]
0x00
0x24
BIST signature
LSB (local)
BIST signature[7:0]
0x00
Read only.
0x25
BIST signature
MSB (local)
BIST signature[15:8]
0x00
Read only.
0x3A
Sync control
(global)
Open
Open
Open
Open
Open
Clock
divider
next sync
only
Clock
divider
sync
enable
Master sync
buffer enable
0x00
Digital Feature Control Registers
0x40
DC correction
control
(local)
Open
DC
correction
freeze
DC correction bandwidth select
0000 = 2387.32 Hz
0001 = 1193.66 Hz
0010 = 596.83 Hz
0011 = 298.42 Hz
0100 = 149.21 Hz
0101 = 74.60 Hz
0110 = 37.30 Hz
0111 = 18.65 Hz
1000 = 9.33 Hz
1001 = 4.66 Hz
1010 = 2.33 Hz
1011 = 1.17 Hz
1100 = 0.58 Hz
1101 = 0.29 Hz
1110 = reserved
1111 = reserved
DC
correction
enable
Open
0x00
0x41
DC Correction
Value 0 (local)
DC correction value[7:0]
Read only.
0x42
DC Correction
Value 1 (local)
DC correction value[15:8]
Read only.
0x45
Fast detect
control (local)
Open
Open
Open
Open
Force FD
output
enable
Force FD
output
value
Reserved
Enable fast
detect output
0x00
0x47
Fast Detect
Upper
Threshold 0
(local)
Fast detect upper threshold[7:0]
0x00
0x48
Fast Detect
Upper
Threshold 1
(local)
Open
Open
Open
Fast detect upper threshold[12:8]
0x00
0x49
Fast Detect
Lower
Threshold 0
(local)
Fast detect lower threshold[7:0]
0x00
0x4A
Fast Detect
Lower
Threshold 1
(local)
Open
Open
Open
Fast detect lower threshold[12:8]
0x00
0x4B
Fast Detect
Dwell Time 0
(local)
Fast detect dwell time[7:0]
0x00
0x4C
Fast Detect
Dwell Time 1
(local)
Fast detect dwell time[15:8]
0x00
0x50
Filter control
(local)
1
Reserved
1
FIR mode
0 = high
perfor-
mance
1 = low
latency
Output
gain
0 = 0 dB
1 = −6 dB
9-bit
output
mode
enable
Datapath gain
00 = 0 dB
01 = −6 dB
10 = −12 dB
11 = −18 dB
0xB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com