Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver IF sampling frequencies to 400 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 32Page - Analog Devices AD6649EBZ Datasheet HTML 33Page - Analog Devices AD6649EBZ Datasheet HTML 34Page - Analog Devices AD6649EBZ Datasheet HTML 35Page - Analog Devices AD6649EBZ Datasheet HTML 36Page - Analog Devices AD6649EBZ Datasheet HTML 37Page - Analog Devices AD6649EBZ Datasheet HTML 38Page - Analog Devices AD6649EBZ Datasheet HTML 39Page - Analog Devices AD6649EBZ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
AD6649
Rev. 0 | Page 37 of 40
Bit 2—9-bit Output Mode Enable
If this bit is set, the NCOs and filters are bypassed and the part
outputs nine bits of data. These nine bits are presented on the
nine MSBs of the output bus (that is, Bit D13 through Bit D5).
Bits[1:0]—Datapath Gain
These bits set the datapath gain as follows:
00 = 0 dB gain
01 = −6 dB gain
10 = −12 dB gain
11 = −18 dB gain
NCO Control (Register 0x51)
Bit 7—Reserved
Bit 6—NCO32 to fS/4 NCO Sync Enable
This bit should be set high when NCO32 is set to fS/4 using the
fixed-frequency NCO and the 95 MHz FIR filter. It should be
disabled when using the tunable-frequency NCO and 100 MHz
FIR filter.
Bit 5—Spectral Reversal
This bit should be set high to reverse the output frequency
spectrum.
Bit 4—Reserved (Reads Back as 1)
Bit 3—Reserved
Bit 2—NCO32 Amplitude Dither Enable
When Bit 2 is set, amplitude dither in the NCO is enabled.
When Bit 2 is cleared, amplitude dither is disabled.
Bit 1—NCO32 Phase Dither Enable
When Bit 2 is set, phase dither in the NCO is enabled. When
Bit 2 is cleared, phase dither is disabled.
Bit 0—Reserved (Reads Back as 1)
NCO Frequency (Register 0x52 to Register 0x55)
Register 0x52, Bits[7:0]—NCO Frequency Value[31:24]
Register 0x53, Bits[7:0]—NCO Frequency Value[23:16]
Register 0x54, Bits[7:0]—NCO Frequency Value[15:8]
Register 0x55, Bits[7:0]—NCO Frequency Value[7:0]
This 32-bit value is used to program the NCO tuning frequency.
The frequency value to be programmed is given by the
following equation:
CLK
CLK
f
f
f
Mod
NCO_FREQ
)
,
(
2
32
×
=
where:
NCO_FREQ is a 32-bit twos complement number representing
the NCO frequency register.
f is the desired carrier frequency in hertz.
fCLK is the AD6649 ADC clock rate in hertz.
NCO Phase Offset (Register 0x56 and Register 0x57)
Register 0x56, Bits[7:0]—NCO Phase Value[15:8]
Register 0x57, Bits[7:0]—NCO Phase Value[7:0]
The 16-bit value programmed into the NCO phase value register
is loaded into the NCO block each time the NCO is started or
when an NCO SYNC signal is received. This process allows the
NCO to be started with a known nonzero phase.
Use the following equation to calculate the NCO phase offset value:
NCO_PHASE = 216 × PHASE/360
where NCO_PHASE is a decimal number equal to the 16-bit binary
number to be programmed at Register 0x56 and Register 0x57,
and PHASE is the desired NCO phase in degrees.
SYNC Control (Register 0x58)
Bit 7—fS/4 NCO Next Sync Only
If the master sync buffer enable bit (Register 0x3A, Bit 0) and
the fS/4 NCO sync enable bit (Register 0x58, Bit 6) are high, Bit 7
allows the fS/4 NCO to synchronize following the first sync
pulse that it receives and ignore the rest. If Bit 7 is set, Bit 6 of
Register 0x58 resets after this sync occurs.
Bit 6—fS/4 NCO Sync Enable
Bit 6 gates the sync pulse to the fS/4 NCO. When Bit 6 is set
high, the sync signal causes the fS/4 NCO to synchronize.
This sync is active only when the master sync buffer enable bit
(Register 0x3A, Bit 0) is high. This is continuous sync mode.
Bit 5—FIR Next Sync Only
If the master sync buffer enable bit (Register 0x3A, Bit 0) and the
FIR sync enable bit (Register 0x58, Bit 4) are high, Bit 5 allows
the FIR to synchronize following the first sync pulse that it receives
and to ignore the rest. If Bit 5 is set, Bit 4 of Register 0x3A resets
after this sync occurs.
Bit 4—FIR Sync Enable
Bit 4 gates the sync pulse to the FIR filter. When Bit 4 is set
high, the sync signal causes the half-band to resynchronize.
This sync is active only when the master sync buffer enable bit
(Register 0x3A, Bit 0) is high. This is continuous sync mode.
Bits[3:2]—Reserved
Bit 1—NCO32 Next Sync Only
If the master sync buffer enable bit (Register 0x3A, Bit 0) and
the NCO32 sync enable bit (Register 0x58, Bit 0) are high, Bit 1
allows the NCO32 to synchronize following the first sync pulse
that it receives and to ignore the rest. Bit 0 of Register 0x58 resets
after a sync occurs if Bit 1 is set.
Bit 0—NCO32 Sync Enable
Bit 0 gates the sync pulse to the 32-bit NCO. When this bit is set
high, the sync signal causes the NCO to resynchronize, starting
at the NCO phase offset value. This sync is active only when the
master sync buffer enable bit (Register 0x3A, Bit 0) is high. This
is continuous sync mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com