Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver IF sampling frequencies to 400 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 20Page - Analog Devices AD6649EBZ Datasheet HTML 21Page - Analog Devices AD6649EBZ Datasheet HTML 22Page - Analog Devices AD6649EBZ Datasheet HTML 23Page - Analog Devices AD6649EBZ Datasheet HTML 24Page - Analog Devices AD6649EBZ Datasheet HTML 25Page - Analog Devices AD6649EBZ Datasheet HTML 26Page - Analog Devices AD6649EBZ Datasheet HTML 27Page - Analog Devices AD6649EBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
AD6649
Rev. 0 | Page 24 of 40
FIR FILTERS
The two FIR filters that can be used are either a 47-tap, high
performance, fixed-coefficient FIR filter or a 21-tap, low latency,
fixed-coefficient FIR filter. These filters are useful in providing
alias protection at the device output. The high performance FIR
is a simple sum-of-products FIR filter with 47 filter taps and
21-bit fixed coefficients. Note that this filter does not decimate.
The normalized coefficients used in the implementation and the
decimal equivalent value of the coefficients are listed in Table 12.
Table 12. High Performance FIR Filter Coefficients
Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(21-Bit)
C0, C46
−0.0001335
−140
C1, C45
−0.0009689
−1016
C2, C44
−0.0024185
−2536
C3, C43
−0.0019341
−2028
C4, C42
0.0023584
2473
C5, C41
0.0051260
5375
C6, C40
−0.0009680
−1015
C7, C39
−0.0086231
−9042
C8, C38
−0.0011368
−1192
C9, C37
0.0142097
14900
C10, C36
0.0064697
6784
C11, C35
−0.0207596
−21768
C12, C34
−0.0161047
−16887
C13, C33
0.0274601
28794
C14, C32
0.0310631
32572
C15, C31
−0.0348339
−36526
C16, C30
−0.0557785
−58488
C17, C29
0.0415993
43620
C18, C28
0.0986786
103472
C19, C27
−0.0463982
−48652
C20, C26
−0.1893501
−198548
C21, C25
0.0505829
53040
C22, C24
0.6113434
641040
C23
0.9171314
961682
FIR SYNCHRONIZATION
The AD6649 filters within a single part or across multiple parts can
be synchronized using the external SYNC input. The filters can
be configured to be resynchronized on every SYNC signal or only
on the first SYNC signal after the SPI control register is written.
A valid SYNC causes the FIR filter to restart at the programmed
decimation phase value. Bit 4 and Bit 5 of Register 0x58 allow
the FIR to be resynchronized on every SYNC signal or only on
the first SYNC signal after the register is written.
FILTER PERFORMANCE
When using the fixed-frequency NCO and a 95 MHz FIR filter,
the output rate is equal to the sample clock rate. The composite
response of this mode is shown in Figure 41. The detailed pass-
band response for this mode is shown in Figure 42. To place the
part in this mode, set SPI Register 0x50 to 0xB0. When operating
in this mode, the NCO must be placed at fS/4, and the low latency
NCO select bit (Bit 0) in Register 0x5A must be set. It is important
to note that a −1.0 dBFS input level at the analog inputs corresponds
to an output level of −2.5 dBFS when using the low latency FIR
filter. This output level reduction is a result of the −1.5 dB pass-
band attenuation in the FIR filter in this mode and does not
result in loss in the dynamic range of the converter.
0
–1
–2
–3
–4
0
30.72
61.44
92.16
122.88
FILTER RESPONSE (MHz)
Figure 41. Low Latency FIR Filter Composite Response at 245.76 MSPS
(Fixed-Frequency NCO, 95 MHz FIR Filter Mode)
–1.000
–1.125
–1.250
–1.375
–1.500
0
30.72
61.44
92.16
122.88
FILTER RESPONSE (MHz)
Figure 42. Low Latency FIR Filter Pass-Band Response at 245.76 MSPS
(Fixed-Frequency NCO, 95 MHz FIR Filter Mode)
When using the tunable-frequency NCO and 100 MHz FIR filter,
the output rate is equal to the sample clock rate. The response of
the high performance FIR filter is shown in Figure 43. The detailed
pass-band response for this mode is shown in Figure 44. To place
the part into this mode, set SPI Register 0x50 to 0xA0. When
using the high performance FIR filter, the output level is −1.3 dBFS
for a corresponding input level of −1.0 dBFS at the analog inputs.
This is a result of the −0.3 dB pass-band attenuation of the FIR
filter in this mode and does not result in loss in the dynamic range
of the converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com