Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver IF sampling frequencies to 400 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 31Page - Analog Devices AD6649EBZ Datasheet HTML 32Page - Analog Devices AD6649EBZ Datasheet HTML 33Page - Analog Devices AD6649EBZ Datasheet HTML 34Page - Analog Devices AD6649EBZ Datasheet HTML 35Page - Analog Devices AD6649EBZ Datasheet HTML 36Page - Analog Devices AD6649EBZ Datasheet HTML 37Page - Analog Devices AD6649EBZ Datasheet HTML 38Page - Analog Devices AD6649EBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
AD6649
Rev. 0 | Page 35 of 40
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
0x51
NCO control
(local)
Reserved
NCO32 to
fS/4 NCO
sync
enable
Spectral
reversal
1
Reserved
NCO32
amplitude
dither
enable
NCO32
phase
dither
enable
1
0x51
0x52
NCO
Frequency 3
(local)
NCO frequency value[31:24]
0x40
0x53
NCO
Frequency 2
(local)
NCO frequency value[23:16]
0x00
0x54
NCO
Frequency 1
(local)
NCO frequency value[15:8]
0x00
0x55
NCO
Frequency 0
(local)
NCO frequency value[7:0]
0x00
0x56
NCO Phase
Offset 1 (local)
NCO phase value[15:8]
0x00
0x57
NCO Phase
Offset 0 (local)
NCO phase value[7:0]
0x00
0x58
Sync control
(local)
fS/4 NCO
next sync
only
fS/4 NCO
sync
enable
FIR next
sync only
FIR Sync
Enable
Reserved
Reserved
NCO32
next sync
only
NCO32 sync
enable
0x00
0x59
Sync pin
control (local)
Open
Open
Open
Open
Open
Open
SYNC pin
sensitivity
0 = sync on
high level
1 = sync on
edge
SYNC pin
edge
sensitivity
0 = sync on
falling edge
1 = sync on
rising edge
0x00
0x5A
NCO Control 2
(local)
Open
Open
Open
Open
Open
Open
Open
Low latency
NCO select
0x01
1 The channel index register at Address 0x05 should be set to 0x03 (default) when writing to Address 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com