Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver IF sampling frequencies to 400 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 24Page - Analog Devices AD6649EBZ Datasheet HTML 25Page - Analog Devices AD6649EBZ Datasheet HTML 26Page - Analog Devices AD6649EBZ Datasheet HTML 27Page - Analog Devices AD6649EBZ Datasheet HTML 28Page - Analog Devices AD6649EBZ Datasheet HTML 29Page - Analog Devices AD6649EBZ Datasheet HTML 30Page - Analog Devices AD6649EBZ Datasheet HTML 31Page - Analog Devices AD6649EBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
AD6649
Rev. 0 | Page 28 of 40
CHANNEL/CHIP SYNCHRONIZATION
The AD6649 has a SYNC input that allows the user flexible syn-
chronization options for synchronizing the internal blocks. The
SYNC feature is useful for guaranteeing synchronized operation
across multiple ADCs. The input clock divider, NCO, FIR filters,
and the output fS/4 NCO can be synchronized using the SYNC
input. Each of these blocks can be enabled to synchronize on a
single occurrence of the SYNC signal or on every occurrence by
setting the appropriate bits in Register 0x58.
The SYNC input is internally synchronized to the sample clock.
However, to ensure that there is no timing uncertainty between
multiple parts, the SYNC input signal should be synchronized
to the input clock signal. The SYNC input should be driven
using a single-ended CMOS type signal.
If Bit 1 in Register 0x59 is used, the SYNC input can be set to
either level or edge sensitive mode. If the SYNC input is set to
edge sensitive mode, Bit 0 of Register 0x59 can be used to
determine whether the rising or falling edge is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com