Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver IF sampling frequencies to 400 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 8Page - Analog Devices AD6649EBZ Datasheet HTML 9Page - Analog Devices AD6649EBZ Datasheet HTML 10Page - Analog Devices AD6649EBZ Datasheet HTML 11Page - Analog Devices AD6649EBZ Datasheet HTML 12Page - Analog Devices AD6649EBZ Datasheet HTML 13Page - Analog Devices AD6649EBZ Datasheet HTML 14Page - Analog Devices AD6649EBZ Datasheet HTML 15Page - Analog Devices AD6649EBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD6649
Rev. 0 | Page 12 of 40
Pin No.
Mnemonic
Type
Description
15
D3−
Output
Channel A/Channel B LVDS Output Data 3—Complement.
18
D4+
Output
Channel A/Channel B LVDS Output Data 4—True.
17
D4−
Output
Channel A/Channel B LVDS Output Data 4—Complement.
21
D5+
Output
Channel A/Channel B LVDS Output Data 5—True.
20
D5−
Output
Channel A/Channel B LVDS Output Data 5—Complement.
23
D6+
Output
Channel A/Channel B LVDS Output Data 6—True.
22
D6−
Output
Channel A/Channel B LVDS Output Data 6—Complement.
27
D7+
Output
Channel A/Channel B LVDS Output Data 7—True.
26
D7−
Output
Channel A/Channel B LVDS Output Data 7—Complement.
30
D8+
Output
Channel A/Channel B LVDS Output Data 8—True.
29
D8−
Output
Channel A/Channel B LVDS Output Data 8—Complement.
32
D9+
Output
Channel A/Channel B LVDS Output Data 9—True.
31
D9−
Output
Channel A/Channel B LVDS Output Data 9—Complement.
34
D10+
Output
Channel A/Channel B LVDS Output Data 10—True.
33
D10−
Output
Channel A/Channel B LVDS Output Data 10—Complement.
36
D11+
Output
Channel A/Channel B LVDS Output Data 11—True.
35
D11−
Output
Channel A/Channel B LVDS Output Data 11—Complement.
39
D12+
Output
Channel A/Channel B LVDS Output Data 12—True.
38
D12−
Output
Channel A/Channel B LVDS Output Data 12—Complement.
41
D13+ (MSB)
Output
Channel A/Channel B LVDS Output Data 13—True.
40
D13− (MSB)
Output
Channel A/Channel B LVDS Output Data 13—Complement.
43
OR+
Output
Channel A/Channel B LVDS Overrange—True.
42
OR−
Output
Channel A/Channel B LVDS Overrange—Complement.
25
DCO+
Output
Channel A/Channel B LVDS Data Clock Output—True.
24
DCO−
Output
Channel A/Channel B LVDS Data Clock Output—Complement.
SPI Control
45
SCLK
Input
SPI Serial Clock.
44
SDIO
Input/Output
SPI Serial Data Input/Output.
46
CSB
Input
SPI Chip Select (Active Low).
Output Enable and Power-Down
47
OEB
Input/Output
Output Enable Input (Active Low).
48
PDWN
Input/Output
Power-Down Input (Active High). The operation of this pin
depends on the SPI mode and can be configured as power-down
or standby (see Table 14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com