Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver IF sampling frequencies to 400 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 7Page - Analog Devices AD6649EBZ Datasheet HTML 8Page - Analog Devices AD6649EBZ Datasheet HTML 9Page - Analog Devices AD6649EBZ Datasheet HTML 10Page - Analog Devices AD6649EBZ Datasheet HTML 11Page - Analog Devices AD6649EBZ Datasheet HTML 12Page - Analog Devices AD6649EBZ Datasheet HTML 13Page - Analog Devices AD6649EBZ Datasheet HTML 14Page - Analog Devices AD6649EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD6649
Rev. 0 | Page 11 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CLK+
CLK–
SYNC
FDA
FDB
DNC
DNC
D0– (LSB)
D0+ (LSB)
DRVDD
D1–
D1+
D2–
D2+
D3–
D3+
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED THERMAL PADDLE ON THE BOTTOM OF THE PACKAGE PROVIDES THE ANALOG
GROUND FOR THE PART. THIS EXPOSED PADDLE MUST BE CONNECTED TO GROUND FOR PROPER OPERATION.
PDWN
OEB
CSB
SCLK
SDIO
OR+
OR–
D13+ (MSB)
D13– (MSB)
D12+
D21–
DRVDD
D11+
D11–
D10+
D10–
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD6649
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 4. LFCSP Interleaved Parallel LVDS Pin Configuration (Top View)
Table 8. Pin Function Descriptions (Interleaved Parallel LVDS Mode)
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
10, 19, 28, 37
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
49, 50, 53, 54, 59, 60, 63, 64
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
6, 7, 55, 56, 58
DNC
Do Not Connect. Do not connect to this pin.
0
AGND,
Exposed Paddle
Ground
Analog Ground. The exposed thermal paddle on the bottom of the
package provides the analog ground for the part. This exposed
paddle must be connected to ground for proper operation.
ADC Analog
51
VIN+A
Input
Differential Analog Input Pin (+) for Channel A.
52
VIN−A
Input
Differential Analog Input Pin (−) for Channel A.
62
VIN+B
Input
Differential Analog Input Pin (+) for Channel B.
61
VIN−B
Input
Differential Analog Input Pin (−) for Channel B.
57
VCM
Output
Common-Mode Level Bias Output for Analog Inputs. This pin
should be decoupled to ground using a 0.1 μF capacitor.
1
CLK+
Input
ADC Clock Input—True.
2
CLK−
Input
ADC Clock Input—Complement.
ADC Fast Detect Outputs
4
FDA
Output
Channel A Fast Detect Indicator (CMOS Levels).
5
FDB
Output
Channel B Fast Detect Indicator (CMOS Levels).
Digital Input
3
SYNC
Input
Digital Synchronization Pin. Slave mode only.
Digital Outputs
9
D0+ (LSB)
Output
Channel A/Channel B LVDS Output Data 0—True.
8
D0− (LSB)
Output
Channel A/Channel B LVDS Output Data 0—Complement.
12
D1+
Output
Channel A/Channel B LVDS Output Data 1—True.
11
D1−
Output
Channel A/Channel B LVDS Output Data 1—Complement.
14
D2+
Output
Channel A/Channel B LVDS Output Data 2—True.
13
D2−
Output
Channel A/Channel B LVDS Output Data 2—Complement.
16
D3+
Output
Channel A/Channel B LVDS Output Data 3—True.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com