Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver IF sampling frequencies to 400 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 4Page - Analog Devices AD6649EBZ Datasheet HTML 5Page - Analog Devices AD6649EBZ Datasheet HTML 6Page - Analog Devices AD6649EBZ Datasheet HTML 7Page - Analog Devices AD6649EBZ Datasheet HTML 8Page - Analog Devices AD6649EBZ Datasheet HTML 9Page - Analog Devices AD6649EBZ Datasheet HTML 10Page - Analog Devices AD6649EBZ Datasheet HTML 11Page - Analog Devices AD6649EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD6649
Rev. 0 | Page 8 of 40
SWITCHING SPECIFICATIONS
Table 4.
Parameter
Temperature
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
625
MHz
Conversion Rate1
Full
40
250
MSPS
CLK Period—Divide-by-1 Mode (tCLK)
Full
4.0
ns
CLK Pulse Width High (tCH)
Divide-by-1 Mode, DCS Enabled
Full
1.8
2.0
2.2
ns
Divide-by-1 Mode, DCS Disabled
Full
1.9
2.0
2.1
ns
Divide-by-3 Through Divide-by-8 Modes, DCS Enabled
Full
0.8
ns
DATA OUTPUT PARAMETERS (DATA, OR)
Data Propagation Delay (tPD)
Full
4.8
ns
DCO Propagation Delay (tDCO)
Full
5.5
ns
DCO-to-Data Skew (tSKEW)
Full
0.1
0.7
1.3
ns
Pipeline Delay—Fixed-Frequency NCO, 95 MHz FIR Filter (Latency)
Full
23
Cycles
Pipeline Delay—Tunable-Frequency NCO, 100 MHz FIR Filter (Latency)
Full
43
Cycles
Aperture Delay (tA)
Full
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.1
ps rms
Wake-Up Time (from Standby)
Full
10
μs
Wake-Up Time (from Power-Down)
Full
250
μs
OUT-OF-RANGE RECOVERY TIME
Full
3
Cycles
1 Conversion rate is the clock rate after the divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com