Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver IF sampling frequencies to 400 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 32Page - Analog Devices AD6649EBZ Datasheet HTML 33Page - Analog Devices AD6649EBZ Datasheet HTML 34Page - Analog Devices AD6649EBZ Datasheet HTML 35Page - Analog Devices AD6649EBZ Datasheet HTML 36Page - Analog Devices AD6649EBZ Datasheet HTML 37Page - Analog Devices AD6649EBZ Datasheet HTML 38Page - Analog Devices AD6649EBZ Datasheet HTML 39Page - Analog Devices AD6649EBZ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
AD6649
Rev. 0 | Page 36 of 40
MEMORY MAP REGISTER DESCRIPTION
For more information on functions controlled in Register 0x00
to Register 0x25, see the AN-877 Application Note, Interfacing
to High Speed ADCs via SPI.
Sync Control (Register 0x3A)
Bits[7:3]—Reserved
Bit 2—Clock Divider Next Sync Only
If the master sync buffer enable bit (Address 0x3A, Bit 0) and
the clock divider sync enable bit (Address 0x3A, Bit 1) are high,
Bit 2 allows the clock divider to sync to the first sync pulse that it
receives and to ignore the rest. The clock divider sync enable bit
(Address 0x3A, Bit 1) resets after it syncs.
Bit 1—Clock Divider Sync Enable
Bit 1 gates the sync pulse to the clock divider. The sync signal is
enabled when Bit 1 is high and Bit 0 is high. This is continuous
sync mode.
Bit 0—Master Sync Buffer Enable
Bit 0 must be set high to enable any of the sync functions. If
the sync capability is not used, this bit should remain low to
conserve power.
DC Correction Control (Register 0x40)
Bit 7—Reserved
Bit 6—DC Correction Freeze
When Bit 6 is set high, the dc correction is no longer updated to
the signal monitor block, which holds the last dc value calculated.
Bits[5:2]—DC Correction Bandwidth Select
Bits[5:2] set the averaging time of the signal monitor dc
correction function. This 4-bit word sets the bandwidth of the
correction block, according to the following equation:
π
×
×
=
−
−
2
2
_
_
14
CLK
k
f
BW
Corr
DC
where:
k is the 4-bit value programmed in Bits[5:2] of Register 0x40
(values between 0 and 13 are valid for k; programming 14 or 15
provides the same result as programming 13).
fCLK is the AD6649 ADC sample rate in hertz.
Bit 1—DC Correction Enable
Setting this bit high causes the output of the dc measurement
block to be summed with the data in the signal path to remove
the dc offset from the signal path.
Bit 0—Reserved
Fast Detect Control (Register 0x45)
Bits[7:4]—Reserved
Bit 3—Force FD Output Enable
Setting this bit high forces the FD output pin to the value
written to Bit 2 of this register (Register 0x45). This enables the
user to force a known value on the FD pin for debugging.
Bit 2—Force FD Output Value
The value written to Bit 2 is forced on the FD output pin when
Bit 3 is written high.
Bit 1—Reserved
Bit 0—Enable Fast Detect Output
Setting this bit high enables the output of the upper threshold
FD comparator to drive the FD output pin.
Fast Detect Upper Threshold
(Register 0x47 and Register 0x48)
Register 0x48, Bits[7:5]—Reserved
Register 0x48, Bits[4:0]—Fast Detect Upper Threshold[12:8]
Register 0x47, Bits[7:0]—Fast Detect Upper Threshold[7:0]
These registers provide an upper limit threshold. The 13-bit
value is compared with the output magnitude from the ADC
block. If the ADC magnitude exceeds this threshold value, the
FD output pin is set if Bit 0 in Register 0x45 is set.
Fast Detect Lower Threshold
(Register 0x49 and Register 0x4A)
Register 0x4A, Bits[7:5]—Reserved
Register 0x4A, Bits[4:0]—Fast Detect Lower Threshold[12:8]
Register 0x49, Bits[7:0]—Fast Detect Lower Threshold[7:0]
These registers provide a lower limit threshold. The 13-bit value
is compared with the output magnitude from the ADC block. If
the ADC magnitude is less than this threshold value for the
number of cycles programmed in the dwell time register, the FD
output bit is cleared.
Fast Detect Dwell Time
(Register 0x4B and Register 0x4C)
Register 0x4C, Bits[7:0]—Fast Detect Dwell Time[15:8]
Register 0x4B, Bits[7:0]—Fast Detect Dwell Time[7:0]
These register values set the minimum time in ADC sample
clock cycles (after clock divider) that a signal needs to stay below
the lower threshold limit before the FD output bits are cleared.
Filter Control (Register 0x50)
Bit 7—Reserved (Reads Back as 1)
Bit 6—Reserved
Bit 5—Reserved (Reads Back as 1)
Bit 4—FIR Mode
Setting this bit low enables the high performance FIR filter.
Setting this bit high enables the low latency FIR.
Bit 3—Output Gain
Setting this bit high sets the output gain to −6 dB. A 0 value on
this bit sets the gain at 0 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com