Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6649EBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver IF sampling frequencies to 400 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 21Page - Analog Devices AD6649EBZ Datasheet HTML 22Page - Analog Devices AD6649EBZ Datasheet HTML 23Page - Analog Devices AD6649EBZ Datasheet HTML 24Page - Analog Devices AD6649EBZ Datasheet HTML 25Page - Analog Devices AD6649EBZ Datasheet HTML 26Page - Analog Devices AD6649EBZ Datasheet HTML 27Page - Analog Devices AD6649EBZ Datasheet HTML 28Page - Analog Devices AD6649EBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
AD6649
Rev. 0 | Page 25 of 40
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
30.72
61.44
92.16
122.88
FILTER RESPONSE (MHz)
Figure 43. High Performance FIR Filter Pass-Band Response at 245.76 MSPS
(Tunable-Frequency NCO, 100 MHz FIR Filter)
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
0
15.36
30.72
46.08
61.44
FILTER RESPONSE (MHz)
Figure 44. High Performance FIR Filter Pass-Band Response at 245.76 MSPS
(Tunable-Frequency NCO, 100 MHz FIR Filter)
OUTPUT NCO
The output of the 32-bit fine-tuning NCO is complex and
typically centered in frequency around dc. This complex output
is carried through the stages of either the 95 MHz or 100 MHz FIR
filter to provide proper antialiasing filtering. The final NCO
provides a means to move this complex output signal away from
dc so that a real output can be provided from the AD6649. The
output NCO translates the output from dc to a frequency equal
to the output frequency divided by 4 (fS/4). This provides the user
with an output signal centered at fS/4 in frequency.
The AD6649 output NCOs within a single part or across
multiple parts can be synchronized using the external SYNC
input. Bit 7 and Bit 6 of Register 0x58 allow the output NCO to
be resynchronized on every SYNC signal or only on the first
SYNC signal after the register is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com