Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1402 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1402
Description  Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1402 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1402 Datasheet HTML 5Page - Semtech Corporation SC1402 Datasheet HTML 6Page - Semtech Corporation SC1402 Datasheet HTML 7Page - Semtech Corporation SC1402 Datasheet HTML 8Page - Semtech Corporation SC1402 Datasheet HTML 9Page - Semtech Corporation SC1402 Datasheet HTML 10Page - Semtech Corporation SC1402 Datasheet HTML 11Page - Semtech Corporation SC1402 Datasheet HTML 12Page - Semtech Corporation SC1402 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SC1402
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
Multi-Output, Low-Noise Power Supply
Controller for Notebook Computers
December 15, 2000
9
FET gate charge current). The VL pin should be by-
passed to GND with 4.7uF to supply the peak current
requirements of the gate driver outputs.
This regulator receives its input power from the V+ bat-
tery input. Efficiency is improved by providing a boot-
strapping mode for the VL bias. When the 5V SMPS
output voltage reaches 5V, internal circuitry detects
this condition and turns on a PMOS pass device be-
tween CSL5 and VL. The internal VL regulator is then
disabled and the VL bias is provided by the high effi-
ciency switch mode power supply.
The REF output is accurate to +/- 2% over tempera-
ture. It is capable of delivering 5mA max and should
be bypassed with 1uF minimum capacitor. Loading the
REF output will reduce the REF voltage slightly.
Current Sense (CSH,CSL)
The output current of the power supply is sensed as
the voltage drop across an external resistor between
the CSH and CSL pins. Over-current is detected when
the current sense voltage exceeds +/-100mV. The
negative current limit (i.e. -100mV) is required for oper-
ation with PSAVE mode disabled, and also to limit the
output current when charging the bulk supply capacitor
of the 12V regulator. A positive over-current will turn
off the high-side driver, a negative over-current will turn
off the low-side driver, each on a cycle by cycle basis.
The current sense is also used for peak current feed
back in the main PWM loop and for determining the
current level for entering power save mode and the
turn off time for the synchronous rectifier.
Oscillator
The SC1402 oscillator frequency is trimmed to +/-
10%. When the SYNC pin is set high the oscillator
runs at 300kHz; when SYNC is set low the frequency is
200kHz. The oscillator can also be synchronized to
the falling edge of a clock on the SYNC pin with a fre-
quency between 240kHz and 350kHz. In general,
200kHz operation is used for highest efficiency, and
the 300kHz for minimum output ripple and/or smaller
inductor and output capacitor sizes.
Fault Protection
In addition to cycle-by-cycle current limit, the SC1402
monitors over-temperature, and output over-voltage
and under-voltage conditions. The over-temperature
detect will shut the part down if the die temperature ex-
ceeds 150°C with 10°C of hysteresis.
If either SMPS output is greater than 7% above its
nominal value, both SMPS are latched off and syn-
chronous rectifiers are latched on. To prevent the out-
put from ringing below, ground a 1A Schottky diode
should be placed across each output, anode at GND.
Two different levels of undervoltage are detected. If the
output falls 5% below its nominal output, the RESET
output is pulled low. If the output falls 30% below its
nominal output following a startup delay, both SMPS
are latched off.
Both of the latched fault modes will remain in effect un-
til SHDN or RUN/ON3 is toggled or the V+ input is
brought below 1V.
Shutdown and Operating Modes
Holding the SHDN pin low disables the SC1402, reduc-
ing the V+ input current to <10uA. When SHDN goes
high, the part enters a standby mode where the VL
regulator and VREF are enabled. Turning on either
SMPS will put the SC1402 in run mode.
Output Voltage Selection
If FB is connected to ground, internal resistors setup
3.3V and 5V output voltages. If external resistors are
used, the internal feedback is disabled and the output
is regulated based on 2.5V at the FB pin.
12OUT Supply
The 12OUT linear regulator is capable of supplying
120mA. The input voltage to the 12OUT regulator is
generated by a secondary winding on the 5V SMPS
SHDN
RUN/
ON3
TIME/
ON5
MODE
DESCRIPTION
Low
X
X
Shut-
down
Minimum bias
current
High
Low
Low
Standby
VREF and VL
regulator
enabled
High
High
High
Run
Mode
Both SMPS
Running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com