Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1402 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC1402
Description  Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1402 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC1402 Datasheet HTML 10Page - Semtech Corporation SC1402 Datasheet HTML 11Page - Semtech Corporation SC1402 Datasheet HTML 12Page - Semtech Corporation SC1402 Datasheet HTML 13Page - Semtech Corporation SC1402 Datasheet HTML 14Page - Semtech Corporation SC1402 Datasheet HTML 15Page - Semtech Corporation SC1402 Datasheet HTML 16Page - Semtech Corporation SC1402 Datasheet HTML 17Page - Semtech Corporation SC1402 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
SC1402
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
Multi-Output, Low-Noise Power Supply
Controller for Notebook Computers
December 15, 2000
16
EVALUATION BOARD SCHEMATIC
VL
C20
+12V
1
ON3
1
C15
OPEN
C29
100pF
+3.3V
1
C7
4.7U,35V
D3
OPEN
A
C
C5
4.7U,6.3V
JU9
GND
1
VDD
Q2
IR7413
C26
0.1uF
SYNC
1
R12
10.7K
C25
4.7U,16V
R13
10.7K
C14
2.2U,25V
C16
0.1
R18
100K
+5V
C30
0.1uF
GND
1
JP6
1
2
R16
2M
C19
D7
140T3
C8
0.22
PSAVE
1
R15
2M
VL
1
Q4
IR7413
U1
SC1402ISS
10
11
12
13
14
15
16
17
18
19
20
23
24
25
26
27
28
1
2
3
4
5
6
7
9
PSAVE
RESET
FB5
CSL5
CSH5
SEQ
DH5
LX5
BST5
DL5
PGND
SHDN
DL3
BST3
LX3
DH3
RUN/ON3
CSH3
CSL3
FB3
12OUT
VDD
SYNC
TIME/ON5
REF
C13
0.01
R20
301K
RTP00005
E
SC1402 Eval Board
B
11
Thursday, April 13, 2000
Title
Size
Document Number
Rev
Date:
Sheet
of
T2/L2
TTI5870
GND
1
R23
301K
+
C4
C12
0.1
GND
1
D6
140T3
+
C1
C28
0.1uF
Q3
IR7413
D8
140T3
C23
REF
1
C11
0.01
+5V
+
C3
D9
CMPD2838
REF
VL
D4
MBRS1100
A
C
C6
0.1
C31
0.1uF
VIN
VL
Q1
IR7413
VIN
VIN
1
+
C2
GND
1
ON5
1
C10
0.1
C17
0.1
D1
CMPSH-3A
JU2
R9
.02
C27
100pF
D5
140T3
SHDN
1
C24
0.01
REF
R17
2M
GND
1
C9
4.7U,16V
R11
3.32K
VDD
1
RAW15V
1
R14
2M
C21
+5V
1
RESET
1
JU7
C18
R1
10
R19
1k
R8
.02
S1
SW DIP-4
GND
1
VL
R10
10.7K
VDD
C22
L1
10uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com