Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1402 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1402
Description  Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1402 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1402 Datasheet HTML 1Page - Semtech Corporation SC1402 Datasheet HTML 2Page - Semtech Corporation SC1402 Datasheet HTML 3Page - Semtech Corporation SC1402 Datasheet HTML 4Page - Semtech Corporation SC1402 Datasheet HTML 5Page - Semtech Corporation SC1402 Datasheet HTML 6Page - Semtech Corporation SC1402 Datasheet HTML 7Page - Semtech Corporation SC1402 Datasheet HTML 8Page - Semtech Corporation SC1402 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SC1402
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
Multi-Output, Low-Noise Power Supply
Controller for Notebook Computers
December 15, 2000
3
Table 2
ELECTRICAL CHARACTERISTICS (continued)
(Unless otherwise noted: (V+ = 15V, both PWMs on, SYNC = VL, VL load = 0mA, REF load = 0mA, PSAVE = 0V, T
A = -40 to +85°C
Typical values are at T
A = +25°C).
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
SYNC Input High Pulse
2
300
SYNC Input Low Pulse Width
2
300
ns
SYNC Rise/Fall Time
2
200
SYNC Input Frequency Range
240
350
kHz
Current-Sense Input Leakage
Current
V+ = VL = 0V,
CSL3 = CSH3 = CSL5 = CSH5 = 5.5V
0.01
10
µA
FLYBACK CONTROLLER
VDD Shunt Threshold
Rising edge, hysteresis = 1%
18
20
V
VDD Shunt Sink Current
VDD = 20V
5
10
30
mA
VDD Leakage Current
VDD = 5V , Standby mode
30
µA
12V LINEAR REGULATOR
12OUT Output Voltage
0mA < Load < 120mA
11.55
12.1 12.50
V
12OUT Current Limit
12OUT forced to 11V, VDD = 13V
150
mA
12OUT Regulation Threshold
Falling edge
11.9
V
Quiescent VDD Current
VDD = 18V, run mode, no 12OUT load
50
100
µA
INTERNAL REGULATOR AND REFERENCE
VL Output Voltage
SHDN = V+, 6V < V+ < 30V, 0mA < ILOAD <
50mA, RUN/ON3 = TIME/ON5 = 0V
4.6
5.2
Undervoltage Fault Lockout
Threshold
Falling edge, hysteresis = 0.9V
3.5
3.7
4.0
V
Switchover Threshold
Switch over at startup
4.5
REF Output Voltage
No external load, Standby Mode
2.45
2.5
2.55
REF Load Regulation
0µA < LOAD < 50µA
12.5
mV
0mA < LOAD < 5mA
50
REF Sink Current
10
µA
REF Fault Lockout Voltage
Falling edge
1.8
2.2
V
V+ Operating Supply Current
VL switched over to CSL5, 5V SMPS on
10
50
V+ Standby Supply Current
V+ = 6V to 30V, SMPS off, includes current into
SHDN
180
µA
V+ Shutdown Supply Current
V+ = 6V to 30V, SHDN = 0V
4
20
Quiescent Power Consumption
SMPS enabled, FB3 = FB5 = 0V,
CSL3 = CSH 3 = 3.5V, CSL5 = CSH5 = 5.5V
7.5
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com