Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1402 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1402
Description  Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1402 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1402 Datasheet HTML 1Page - Semtech Corporation SC1402 Datasheet HTML 2Page - Semtech Corporation SC1402 Datasheet HTML 3Page - Semtech Corporation SC1402 Datasheet HTML 4Page - Semtech Corporation SC1402 Datasheet HTML 5Page - Semtech Corporation SC1402 Datasheet HTML 6Page - Semtech Corporation SC1402 Datasheet HTML 7Page - Semtech Corporation SC1402 Datasheet HTML 8Page - Semtech Corporation SC1402 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SC1402
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
Multi-Output, Low-Noise Power Supply
Controller for Notebook Computers
December 15, 2000
4
Note 1: This device is ESD sensitive. Use of standard ESD handling precautions is required.
Note 2: Guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued)
(Unless otherwise noted: (V+ = 15V, both PWMs on, SYNC = VL, VL load = 0mA, REF load = 0mA, PSAVE = 0V, T
A = -40 to +85°C
Typical values are at T
A = +25°C).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FAULT DETECTION
Overvoltage Trip Threshold
With respect to unloaded output voltage
3.5
7
10
%
Overvoltage-Fault
Propagation Delay
CSL_ driven 2% above overvoltage trip threshold
1.5
µs
Output Undervoltage
Threshold
With respect to unloaded output voltage
60
70
80
%
Output Undervoltage
Lockout Time
From each SMPS enabled, with respect to f
OSC
5000
6144
7000
clks
Thermal Shutdown
Threshold
Typical hysteresis = +10°C
150
°C
RESET
RESET Trip Threshold
With respect to unloaded output voltage, falling
edge; typical hysteresis = 1%
-10
-7
-4
%
RESET Propagation Delay
Falling edge, CSL_ driven 2% below RESET trip
threshold
1.5
µs
RESET Delay Time
With respect to fOSC
27,000 32,000 37,000
clks
INPUTS AND OUTPUTS
Logic Input Low Voltage
RUN/ON3, PSAVE, TIME/ON5 (SEQ = REF),
SHDN, SYNC
0.6
V
Logic Input High Voltage
RUN/ON3, PSAVE, TIME/ON5 (SEQ = REF),
SHDN, SYNC
2.4
V
Input Leakage Current
RUN/ON3, PSAVE, TIME/ON5 (SEQ = REF),
SHDN, SYNC, SEQ = 0V or 3.3V
+1µA
Logic Output Low Voltage
RESET, ISINK = 4mA
0.4
V
Logic Output High Current
RESET = 3.5V
1
mA
TIME/ON5 Input Trip Level
SEQ = 0 or VL
2.4
2.6
V
TIME/ON5 Source Current
TIME/ON5 = 0V, SEQ = 0 or VL
2
3
4
µA
TIME/ON5 On-Resistance
TIME/ON5, RUN/ON3 = 0V, SEQ = 0 or VL
100
Ω
Gate Driver Sink/Source
Current
DL3, DH3, DL5, DH5, forced to 2V
1
A
Gate Driver On-Resistance
High or low
1.5
7
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com