Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1402 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1402
Description  Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1402 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1402 Datasheet HTML 1Page - Semtech Corporation SC1402 Datasheet HTML 2Page - Semtech Corporation SC1402 Datasheet HTML 3Page - Semtech Corporation SC1402 Datasheet HTML 4Page - Semtech Corporation SC1402 Datasheet HTML 5Page - Semtech Corporation SC1402 Datasheet HTML 6Page - Semtech Corporation SC1402 Datasheet HTML 7Page - Semtech Corporation SC1402 Datasheet HTML 8Page - Semtech Corporation SC1402 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SC1402
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
Multi-Output, Low-Noise Power Supply
Controller for Notebook Computers
December 15, 2000
2
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
MAXIMUM
UNITS
V+, BST3, BST5 to GND
-0.3, +36
V
PGND to GND
± 0.3
V
PHASE3 to BST3, and PHASE5 to BST5
-6 to +0.3
V
VL to GND
-0.3 to 6
V
REF,SYNC,SEQ,PSAVE,TIME_ON5,RESET to GND
-0.3 to (VL+.3V)
V
RUN/ON3, SHDN to GND
-0.3 to (V+ + 0.3V)
V
VDD to GND
-0.3 to +30V
V
12 Out to GND
-0.3 to (VDD + 0.3V)
V
VL, REF Short to GND
Continuous
sec.
12 Out Short to GND
Continuous
sec.
REF Current
+5
mA
VL Current
+50
mA
12 Out Current
+200
mA
VDD Shunt Current
+15
mA
T
S Storage Temperature
-65 to +150
°C
T
L Lead soldering temperature
+300, 10 seconds
°C
ELECTRICAL CHARACTERISTICS
(1)
(Unless otherwise noted: V+ = 15V, both PWMs on, SYNC = VL, VL load = 0mA, REF load = 0mA, PSAVE = 0V, T
A =-40 to +85°C.
Typical values are at T
A = +25°C).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MAIN SMPS CONTROLLERS
Input Voltage Range
6.0
30.0
V
3V Output Voltage in
Adjustable Mode
V+ = 6V to 30V, CSH3-CSL3 = 0V,
CSL3 tied to FB3
2.45
2.5
2.55
V
3V Output Voltage in Fixed Mode V+ = 6V to 30V, 0mV < CSH3-CSL3 < 80mV,
FB3 = 0V
3.17
3.3
3.43
V
5V Output Voltage in Adjustable
Mode
V+ = 6V to 30V, CSH5-CSL5 = 0V,
CSL5 tied to FB5
2.45
2.5
2.55
V
5V Output Voltage in Fixed Mode V+ = 6V to 30V, 0mV < CSH5-CSL5 < 80mV,
FB5 = 0V
4.82
5.0
5.18
V
Output Voltage Adjust Range
Either SMPS
REF
5.5
V
Adjustable-Mode Threshold
Voltage
Dual Mode comparator
0.5
1.3
V
Load Regulation
Either SMPS, 0V < CSH_-CSL_ < 80mV
-0.8
%
Line Regulation
Either SMPS, 6V < V+ < 30V
0.03
%/V
Current-Limit Threshold
CSH3-CSL3 or CSH5-CSL5
PSAVE = VL or V12OUT < 11.9V
80
-50
100
-100
120
-150
mV
PSAVE Mode Threshold
PSAVE = 0V, not tested
10
25
40
mV
Soft-Start Ramp Time
From enable to 95% full current limit with
respect to f
OSC Note 2.
512
clks
Oscillator Frequency
SYNC = VL
SYNC = 0V
270
170
300
200
330
235
kHz
Maximum Duty Factor
SYNC = VL
SYNC = 0V
94
96
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com