Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1402 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1402
Description  Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1402 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1402 Datasheet HTML 6Page - Semtech Corporation SC1402 Datasheet HTML 7Page - Semtech Corporation SC1402 Datasheet HTML 8Page - Semtech Corporation SC1402 Datasheet HTML 9Page - Semtech Corporation SC1402 Datasheet HTML 10Page - Semtech Corporation SC1402 Datasheet HTML 11Page - Semtech Corporation SC1402 Datasheet HTML 12Page - Semtech Corporation SC1402 Datasheet HTML 13Page - Semtech Corporation SC1402 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SC1402
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
Multi-Output, Low-Noise Power Supply
Controller for Notebook Computers
December 15, 2000
10
SEQ
RUN/ON3
TIME/ON5
RESET
DESCRIPTION
REF
LOW
LOW
Follows 3.3V SMPS.
Independent start control mode.
Both SMPSs off.
REF
LOW
HIGH
Low.
5V SMPS ON, 3.3V SMPS OFF.
REF
HIGH
LOW
Follows 3.3V SMPS.
3.3V SMPS ON, 5V SMPS OFF.
REF
HIGH
HIGH
Follows 3.3V SMPS.
Both SMPSs on.
GND
LOW
TIMING CAP
Low.
Both SMPS off.
GND
HIGH
TIMING CAP
High after both outputs
are in regulation.
5V starts on rising edge of RUN/ON3, 3V
starts when TIME/ON5 > REF.
VL
LOW
TIMING CAP
Low.
Both SMPS off.
VL
HIGH
TIMING CAP
High after both outputs
are in regulation.
3.3V starts on rising edge of RUN/ON3,
5V starts when TIME/ON5 > REF.
inductor.
A heavy load on the 12OUT regulator when the 5V
SMPS is in PSAVE will cause the VDD input to drop,
browning out the regulator. If the output drops 0.8%
from its nominal value, the 5V SMPS is forced out of
PSAVE mode and into continuous conduction mode for
8 cycles. This recharges the bulk input capacitor on
VDD. The 12OUT linear regulator has a current limit to
prevent damage under short circuit conditions.
Over-voltage protection is provided on the VDD input.
If the VDD input is above 19V, an over-voltage is de-
tected and a 10mA current shunt load is applied to
VDD. The over-voltage threshold has 0.5V of hystere-
sis.
Power up Controls and Soft Start
The user has control of the SC1402 startup sequence
by setting the SEQ, RUN/ON3 and TIME/ON5 pins as
described in the following table.
Each SMPS contains its own counter and DAC to grad-
ually increase the current limit at startup to prevent in-
put surge currents. The current limit is increased from
0, 20%, 40%, 60%, 80%, to 100% linearly over the
course of 512 switching cycles.
A RESET output is also generated at startup. The
RESET pin is held low for 32K switching cycles. An-
other timer is used to enable the undervoltage protec-
tion. The undervoltage protection circuitry is enabled
after 6144 switching cycles at which time the SMPS
should be in regulation.
When SEQ is set to REF, the RESET only monitors
the 3.3V SMPS in regulation. The 5V SMPS is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com