Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1402 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1402
Description  Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1402 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1402 Datasheet HTML 7Page - Semtech Corporation SC1402 Datasheet HTML 8Page - Semtech Corporation SC1402 Datasheet HTML 9Page - Semtech Corporation SC1402 Datasheet HTML 10Page - Semtech Corporation SC1402 Datasheet HTML 11Page - Semtech Corporation SC1402 Datasheet HTML 12Page - Semtech Corporation SC1402 Datasheet HTML 13Page - Semtech Corporation SC1402 Datasheet HTML 14Page - Semtech Corporation SC1402 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SC1402
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
Multi-Output, Low-Noise Power Supply
Controller for Notebook Computers
December 15, 2000
11
APPLICATION INFORMATION
Introduction
The SC1402 is a versatile dual switching regulator ad-
justable from 2.5V to 5.5V with fixed 5V and 3.3V
modes. In addition, there are two on-chip 12V & 5V lin-
ear regulators capable of supplying 120mA & 50mA of
output current, respectively. The SC1402 is designed
for notebook applications but has applications any-
where high efficiency, small size and low cost are re-
quired.
The Semtech SC1402 EVAL board consists of a 3.3V,
3A switcher, a 5.0V, 3A switcher, an onboard 12V lin-
ear regulator. A 15V flyback supply developed off the
5V SMPS inductor delivers the input voltage to the on-
board 12V linear regulator.
Design Guidelines
The schematic for the EVAL board is shown on page
18. The EVAL board is configured as follows:
Switching Regulator 1
Vout1 = 3.3V, 3A
Switching Regulator 2
Vout2 = 5.0V, 3A
Linear Regulator 1
Vout3 = 12V, 120mA
Linear Regulator 2
Vout4 = 5V, 50mA
Designing the Output Filter
Before calculating the output filter inductance and out-
put capacitor, an acceptable amount of output ripple
current is to be determined. The ESR of the output ca-
pacitor multiplied by the ripple current sets the maxi-
mum allowable ripple voltage. So once the ripple volt-
age specification is selected, the capacitor ESR is cho-
sen usually based on capacitor cost and size con-
straints. This then sets the maximum output ripple cur-
rent through the capacitor and inductor.
For the EVAL board 3.3V switcher, we selected a max-
imum ripple voltage of 50mV. Choosing two 330uF,
6.3V tantalum capacitors C21 & C22, each having an
ESR of 100m
Ω, their combined ESR equaling 50mΩ,
sets the maximum ripple current as follows:
Be sure that the two output capacitors can handle this
ripple current. Ripple current specifications are found
in the capacitor data sheet for high quality capacitors
intended for use in switching power supplies.
The inductance can now be found:
These inductance and duty cycle equations exclude
any resistive drops due to winding resistance and
MOSFET on resistance.
Where:
For f = 300KHz, t = 1/f
From this calculation we choose L1 to be 10uH.
For a 200kHz operating frequency, L1 calculates to be
14.5uH.
Choosing Inductor & FET Current Rating
The current carrying capability of the inductor and
MOSFETs should be sized to handle the maximum
current of the supply set by the current sense resistor,
Rsense = R9. Here we use the minimum current
threshold value:
Where Ipeak equals:
Ipeak = 3.5 Amps
Here we chose a sense resistor of 20m
Ω. Now we can
determine FET and inductor current carrying capability
ESR
V
I
O
O
∆
∆
=
1Amp
0.05
0.05
I
O
=
=
∆
O
O
INMAX
I
t
D
)
V
(V
L1
∆
•
•
−
=
1
10
3.33
28
3.3
3.3)
(28
L1
;
V
V
D
6
IN
O
−
•
•
•
−
=
=
PEAK
I
80mV
R9
=
2
I
I
I
O
OUT
PEAK
∆
+
=
Ω
0.023
3.5
0.080
R9
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com