Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1402 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC1402
Description  Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1402 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC1402 Datasheet HTML 10Page - Semtech Corporation SC1402 Datasheet HTML 11Page - Semtech Corporation SC1402 Datasheet HTML 12Page - Semtech Corporation SC1402 Datasheet HTML 13Page - Semtech Corporation SC1402 Datasheet HTML 14Page - Semtech Corporation SC1402 Datasheet HTML 15Page - Semtech Corporation SC1402 Datasheet HTML 16Page - Semtech Corporation SC1402 Datasheet HTML 17Page - Semtech Corporation SC1402 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
SC1402
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
Multi-Output, Low-Noise Power Supply
Controller for Notebook Computers
December 15, 2000
17
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
4.91
4.92
4.93
4.94
4.95
4.96
ILOAD = 0.5A
ILOAD = 1A
ILOAD = 3A
5V LINE REGULATION
INPUT VOLTAGE (V)
Vini
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
3.24
3.25
3.26
3.27
3.28
3.29
ILOAD = 0.5A
ILOAD = 1A
ILOAD = 3A
3.3V LINE REGULATION
INPUT VOLTAGE (V)
Vini
0.1
1
10
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
VIN = 15V
VIN = 6V
EFFICIENCY vs. 5V LOAD CURRENT
5V LOAD CURRENT (A)
Iouti Iout2j
,
0.1
1
10
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
VIN = 15V
VIN = 6V
EFFICIENCY vs. 3.3V LOAD CURRENT
3V LOAD CURRENT (A)
30
Iouti Iout2j
,
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.24
3.246
3.253
3.259
3.265
3.271
3.278
3.284
3.29
VIN= 15V
VIN = 6V
3.3V LOAD REGULATION
LOAD CURRENT (A)
j
Iouti Ioutj
,
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
4.91
4.916
4.923
4.929
4.935
4.941
4.948
4.954
4.96
VIN = 15V
VIN = 6V
5V LOAD REGULATION
LOAD CURRENT (A)
Iouti Iout2j
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com