Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1402 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1402
Description  Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1402 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1402 Datasheet HTML 1Page - Semtech Corporation SC1402 Datasheet HTML 2Page - Semtech Corporation SC1402 Datasheet HTML 3Page - Semtech Corporation SC1402 Datasheet HTML 4Page - Semtech Corporation SC1402 Datasheet HTML 5Page - Semtech Corporation SC1402 Datasheet HTML 6Page - Semtech Corporation SC1402 Datasheet HTML 7Page - Semtech Corporation SC1402 Datasheet HTML 8Page - Semtech Corporation SC1402 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SC1402
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
Multi-Output, Low-Noise Power Supply
Controller for Notebook Computers
December 15, 2000
1
DESCRIPTION
The SC1402 is pin compatible with the MAX1632 with
improved load regulation performance. The SC1402 is
a multiple-output power supply controller designed to
power logic supply components in battery operated
systems. The SC1402 utilizes synchronous rectified
buck topologies to generate two voltages, (3.3V and
5V) with up to 95% efficiency. It also provides two lin-
ear regulators for system housekeeping functions. The
12V linear regulator output is generated from a coupled
inductor of the 5V switching regulator.
Control functions include: power up sequencing, soft
start, power-good signaling, automatic bootstrapping
for high side MOSFETs, and frequency synchroniza-
tion. An internal precision 2.5V reference ensures ±2%
output voltage. The internal oscillator can be adjusted
to 200kHz, 300kHz or synchronized to an external
clock. The MOSFET drivers provide 1A peak drive
current for fast MOSFET switching.
The SC1402 includes a PSAVE enable input to select
a pulse skipping mode for high efficiency or a fixed fre-
quency mode for low noise operation.
FEATURES
•= 6V to 30V Input range
•= 3.3V and 5V dual synchronous rectified outputs
•= Fixed frequency or PSAVE for maximum efficiency
over wide load current range
•= 5V/50mA linear regulator
•= 12V/120mA linear regulator
•= Precision 2.5V reference output
•= Programmable power-up sequence
•= Power good output (RESET)
•= Output over current protection
•= Output over voltage protection
•= Output under voltage shut down
•= 4µA typical shut down current
•= 7mW typical quiescent power
APPLICATIONS
•= Notebook and subnotebook computers
•= PDAs and Mobile communicators
•= Desktop DC-DC converters
DEVICE
PACKAGE
(1)
TEMP. (T
A)
SC1402ISS
SSOP-28
-40 - +85°C
ORDERING INFORMATION:
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
TYPICAL APPLICATION CIRCUIT
Note:
(1) Only available in tape and reel packaging. (Suffix ‘.TR’).


Similar Part No. - SC1402

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SC140 NJSEMI-SC140 Datasheet
155Kb / 3P
Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1401 SEMTECH-SC1401 Datasheet
202Kb / 17P
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
SC1401ISS SEMTECH-SC1401ISS Datasheet
202Kb / 17P
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
SC1403 SEMTECH-SC1403 Datasheet
567Kb / 30P
Mobile Multi-Output PWM Controller with Virtual Current SenseTM
SC1403ITSTR SEMTECH-SC1403ITSTR Datasheet
567Kb / 30P
Mobile Multi-Output PWM Controller with Virtual Current SenseTM
More results

Similar Description - SC1402

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1901 MAXIM-MAX1901 Datasheet
649Kb / 33P
500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 3; 12/03
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX786 MAXIM-MAX786 Datasheet
305Kb / 20P
Dual-Output Power-Supply Controller for Notebook Computers
2; 4/97
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com