Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1402 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1402
Description  Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1402 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1402 Datasheet HTML 9Page - Semtech Corporation SC1402 Datasheet HTML 10Page - Semtech Corporation SC1402 Datasheet HTML 11Page - Semtech Corporation SC1402 Datasheet HTML 12Page - Semtech Corporation SC1402 Datasheet HTML 13Page - Semtech Corporation SC1402 Datasheet HTML 14Page - Semtech Corporation SC1402 Datasheet HTML 15Page - Semtech Corporation SC1402 Datasheet HTML 16Page - Semtech Corporation SC1402 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SC1402
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
Multi-Output, Low-Noise Power Supply
Controller for Notebook Computers
December 15, 2000
13
If your ESR value varies significantly from the calcu-
lated value and you don’t want to add more capaci-
tance or add a series resistor in the capacitor path as
described above. We recommend that you bench test
the supply over temperature to verify transient re-
sponse and operation of the SMPS.
Input Capacitor Selection
Input capacitor is selected based upon the input ripple
current demand of the converter. First determine the
input ripple current expected and then choose a capac-
itor to meet that demand.
The input RMS ripple current can be calculated as fol-
lows:
The worse case input RMS ripple current occurs at
50% duty cycle (D = 0.5 or Vin = 2 Vout) and therefore
under this condition the I
RMS ripple current can be ap-
proximated by:
Therefore, for a maximum load current of 3.0A , the
input capacitors should be able to safely handle 1.5A
of ripple current. For the EVAL board there are two
such regulators that operate simultaneously. Each ca-
pable of 1.5A of ripple current, although it is impossible
for both regulators to be at 50% duty cycle at the same
time since they have different output voltages. For the
EVAL board, we chose four 10uF, 30V OS-CON ca-
pacitors, two for each supply. Each capacitor has a rip-
ple current capability of 1.38A at 100KHz, 45°C. Fol-
lowing the capacitor-derating chart for temperature and
frequency operation at 300KHz, two of these capaci-
tors in parallel will suffice, as calculated below:
The RMS ripple current is under a worst-case condition
at full load, 3A each when both SMPSs are on.
When the 5V output is at maximum ripple of 1.5A (D =
50%), the 3.3V output adds 1.41A of ripple current.
The maximum ripple current is then calculated by:
Conversely:
When the 3V output is at maximum ripple 1.5A (D =
50%), the 5V output adds 1.29A of ripple current.
The worse case ripple current is then calculated by:
Clearly, the combined input capacitor bank must be
chosen to handle 2A of ripple current under worst-
case conditions.
MOSFET Switches
After selecting the voltage and current requirements
of each MOSFET device for the upper and lower
switches, the next step is to determine their power
handling capability. For the EVAL board the IRF7413
met the voltage and current requirements. These are
30V, 9A FET’s. Based on 85
0C ambient temperature,
150
0C junction temperature and thermal resistance,
their power handling is calculated as follows:
Power Limit for Upper & Lower FET:
T
J = 150
0C; T
A = 85
0C; θ
ja = 50°C/W
Each FET must not exceed 1.3W of power dissipa-
tion. The conduction losses for the upper & lower
FET can be determined. For the calculations below,
a nominal input voltage of 12V, for Vout = 3.3V, Iout
= 3A and f = 300KHz. The Rdson value for the upper
& lower FET is 11m
Ω. We will calculate the conduc-
tion losses and switching losses for each FET. From
the calculations below we are well within the 1.3W
dissipation limit as calculated above.
Conduction Losses Upper FET:
Conduction Losses Lower FET:
IN
OUT
OUT
IN
OUT
RMS
V
I
)
V
(V
V
I
•
−
=
•
2
I
I
LOAD
RMS =
2.06A
1.41
1.5
I
2
2
RMS(MAX)
=
+
=
1.98A
1.29
1.5
I
2
2
RMS(MAX)
=
+
=
1.3W
50
85
150
T
T
P
JA
A
J
T
=
−
=
−
=
θ
2
DS
CU
I
D
R
P
•
•
=
0.027W
3
12
3.3
0.011
P
2
CU
=
•
•
=
2
DS
CL
I
D)
(1
R
P
•
−
•
=
0.072W
3
12
3.3
1
0.011
P
2
CL
=
•
ö
ç
è
æ −
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com