Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 15 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 15 Page - ams AG

Back Button AS8510 Datasheet HTML 11Page - ams AG AS8510 Datasheet HTML 12Page - ams AG AS8510 Datasheet HTML 13Page - ams AG AS8510 Datasheet HTML 14Page - ams AG AS8510 Datasheet HTML 15Page - ams AG AS8510 Datasheet HTML 16Page - ams AG AS8510 Datasheet HTML 17Page - ams AG AS8510 Datasheet HTML 18Page - ams AG AS8510 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
www.austriamicrosystems.com/AS8510
Revision 3.4
15 - 46
AS8510
Datasheet - Electrical Character i s t ics
6.4.10 High Speed Oscillator
Notes:
1. Accuracy after trimming.
2. Accuracy for limited temperature range of -20 to 65 ºC.
6.4.11 External Clock
6.4.12 Internal Temperature Sensor
Table 24. High Speed Oscillator
Symbol
Parameter
Min
Typ
Max
Units
fHS
Frequency
4.096
MHz
fHSACC
Accuracy
1, 2
±4
%
IHS
Supply current
300
µA
Table 25. External Clock
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fCLKEXT
Clock frequency
2048/
4096/
8192
kHz
DIVCLKEXT
Clock division factor
to be programmed in Register 08
CLK_REG through the serial bus SPI.
2/4/8
DCCLKEXT
Duty Cycle of external clock
40
60
%
Table 26. Internal Temperature Sensor
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TINTRNG
Temperature sensor range
-40
125
ºC
ΔTIN
Temperature measurement accuracy
3
ºC
TINTSLP
Temperature sensor slope
Guaranteed by design; at PGA gain 5
which is the recommended Gain for
internal temperature measurement.
27
Digits/C
TINT65G5
Temperature sensor output at gain 5
40660
41807
43012
Digits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com