Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 37 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 37 Page - ams AG

Back Button AS8510 Datasheet HTML 33Page - ams AG AS8510 Datasheet HTML 34Page - ams AG AS8510 Datasheet HTML 35Page - ams AG AS8510 Datasheet HTML 36Page - ams AG AS8510 Datasheet HTML 37Page - ams AG AS8510 Datasheet HTML 38Page - ams AG AS8510 Datasheet HTML 39Page - ams AG AS8510 Datasheet HTML 40Page - ams AG AS8510 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
www.austriamicrosystems.com/AS8510
Revision 3.4
37 - 46
AS8510
Datasheet - Detailed Descr i p ti on
Note:
All the registers from address 0x19 to 0x2C are read-only.
7.9.1 Standby Mode - Power Consumption
In Standby Mode 1 there is a timer based accurate measurement every Ta seconds. The device itself stays in idle-mode as long as it does not
get a different command from the SPI interface. Internal oscillator frequency is typically foscint=262 kHz to reduce power consumption as long as
the timer runs. After every time out of Ta secs, it performs accurate measurement of current, voltage/ temperature. Data ready is signaled to
microcontroller through an interrupt signal on INT and goes into STOP state.
In the SBM the following equations hold:
Tsbm1 = Ta= 10s (default value is 10secs); the power consumption is valid for this setting. This is the period of the repetition rate in SBM 1
and SBM2.
Tsett ≈ 2ms (depending on external capacitors). This is the time required by the analog part to settle when the new measuring period is
started. Any measurements performed during Tsett produce invalid results.
T1 = 3ms (by default setting, every third measurement is sent to microcontroller in the SBM mode 1) is the time needed to perform the first
measurement.
Tmeas =Tsett +T1 is the total active time needed to get a valid result.
DRSBM = Tmeas/Tsbm ≈ 5ms/10s. This is the ratio of repetition time versus the active time (Device in NOM mode).
Power consumption = (DRSBM*NOM mode power consumption) + ((10s-5ms)/10s)*Stop mode power consumption)
46
DEC_REG_R2_V
0000_0100
R/W
D[7:5]
Reserved
D[4]
Interrupt Mask Control for Voltage channel data Ready
Interrupt on INT pin (Default is 0)
0Unmasked
1Masked
D[3:2]
These two bits select the source of output 16-bit data in
Normal mode from Voltage channel. Default is 01
00
FIR / MA Output
01
CIC2 Output
10
Dechop/Demod Output
11
CIC Output
D[1:0]
Reserved
47
FIR CTL_REG_V
0000_0000
R/W
D[7]
This bit selects FIR / MA Filter in Voltage channel.
Default is 0 (FIR)
0FIR
1MA Filter
D[6:3]
These bits select the number of data samples for
averaging in MA filter in Voltage channel.
Default is 0000 (bypass)
0000
bypass
0001
1
0011
3
0111
7
1111
15
D[2:0]
Reserved
Table 33. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com