Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 27 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 27 Page - ams AG

Back Button AS8510 Datasheet HTML 23Page - ams AG AS8510 Datasheet HTML 24Page - ams AG AS8510 Datasheet HTML 25Page - ams AG AS8510 Datasheet HTML 26Page - ams AG AS8510 Datasheet HTML 27Page - ams AG AS8510 Datasheet HTML 28Page - ams AG AS8510 Datasheet HTML 29Page - ams AG AS8510 Datasheet HTML 30Page - ams AG AS8510 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
www.austriamicrosystems.com/AS8510
Revision 3.4
27 - 46
AS8510
Datasheet - Detailed Descr i p ti on
7.9 Control Register
This section describes the control registers used in AS8510. Registers can be broadly classified into the following categories.
Data access registers
Status Registers
Digital signal path control registers
Digital Control registers
Analog Control Registers
Table 33. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data
Data Access Registers
00
DREG_I1
(ADC Data Register for Current)
0000_0000
R
D[7:0]
Denotes the Current ADC MSB Byte (ADC_I[15:8])
01
DREG_I2
(ADC Data Register for Current)
0000_0000
R
D[7:0]
Denotes the Current ADC LSB Byte (ADC_I[7:0])
02
DREG_V1
(ADC Data Register for Voltage)
0000_0000
R
D[7:0]
Denotes the Voltage ADC MSB Byte (ADC_V[15:8])
03
DREG_V2
(ADC Data Register for Voltage)
0000_0000
R
D[7:0]
Denotes the Voltage ADC LSB Byte (ADC_V[7:0])
Status Registers
04
STATUS_REG
0000_0000
R
D[7]
NOM1/NOM2 Data Ready
D[6]
NOM2 Threshold Crossover
D[5]
SBM1 Data Ready
D[4]
SBM2 Threshold Crossover
D[3]
APOR status
D[2]
Data from current channel updated
D[1]
Data from voltage channel updated
D[0]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com