Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 40 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 40 Page - ams AG

Back Button AS8510 Datasheet HTML 36Page - ams AG AS8510 Datasheet HTML 37Page - ams AG AS8510 Datasheet HTML 38Page - ams AG AS8510 Datasheet HTML 39Page - ams AG AS8510 Datasheet HTML 40Page - ams AG AS8510 Datasheet HTML 41Page - ams AG AS8510 Datasheet HTML 42Page - ams AG AS8510 Datasheet HTML 43Page - ams AG AS8510 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
www.austriamicrosystems.com/AS8510
Revision 3.4
40 - 46
AS8510
Datasheet - Detailed Descr i p ti on
7.9.4
Reconfiguring Gain Setting of PGA
Only PGA gain settings can be changed dynamically while ADC conversions are in progress. When PGA gain settings are changed, the first
sample from the ADC is invalid. Ignore the first interrupt after the gain re-configuration. Valid data starts from the second interrupt onwards.
Figure 18. AS8510 - Reconfiguration of Gain Setting of PGA
7.9.5 Configuring the Device During Normal Mode
Following registers can be programmed dynamically when the device is in operational mode (Normal mode).
ACH_CTL_REG address is 0x17
PGA_CTL_REG address is 0x03
During the operation (Normal mode) of the device, if any of the registers need to be programmed or changed other than the above mentioned
registers, then it is required to STOP the device by writing into MOD_CTL_REG “STOP” bit and configure the device as per the requirements and
start the device.
DATA-N
DATA-N+1
D4
D1
D2
D3
D4
TDATA_STATUS_RD
TDATA_VALID
TDATA_INVALID
INT
CHOP_CLK
Channel Data
Register
DATA1
DATA2
D2
D3
D4
D1
D2
D3
D4
D1
D2
D3
D4
TDATA_STATUS_RD
TDATA_VALID
TDATA_INVALID
D1
TDATA_STATUS_RD
Gain Re-Configuration can be
carried out in this slot, skip next
interrupt and Channel Data.
Read Channel
data in this slot
VALID
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com