Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 32 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 32 Page - ams AG

Back Button AS8510 Datasheet HTML 28Page - ams AG AS8510 Datasheet HTML 29Page - ams AG AS8510 Datasheet HTML 30Page - ams AG AS8510 Datasheet HTML 31Page - ams AG AS8510 Datasheet HTML 32Page - ams AG AS8510 Datasheet HTML 33Page - ams AG AS8510 Datasheet HTML 34Page - ams AG AS8510 Datasheet HTML 35Page - ams AG AS8510 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
www.austriamicrosystems.com/AS8510
Revision 3.4
32 - 46
AS8510
Datasheet - Detailed Descr i p ti on
0A
MOD_CTL_REG
(Mode Control Registers)
0000_0000
R/W
D[7:6]
These two bits select the operating mode of the Device.
Default is 00 (Normal Mode 1)
00
Normal Mode 1
01
Normal Mode 2
10
Standby Mode 1
11
Standby Mode 2
D[5:3]
These three bits select the number of cycles to be
ignored before comparison with the set threshold in
Standy Mode. Default is 000 (3 cycles of data)
000
3 cycles of data
001
4 cycles of data
010
5 cycles of data
011
6cycles of data
100
7 cycles of data
101
8 cycles of data
110
9 cycles of data
111
10 cycles of data
D[2]
This bit controls the CHOP_CLK availability on
CHOP_CLK pin.
Default is 0
0
Disabled
1
Enabled
D[1]
Enabling the MEN pin to indicate transition from Standy
to Normal Mode.
0
Disabled
1
Enabled
D[0]
This bit is used to take the device from STOP state to
any of the Modes based on D[7:6] selection of this
register.
0
Retain in STOP state
1
Enables transition to Normal or Standby
Modes.
0B
MOD_Ta_REG1
(Ta Control Register)
1000_0000
D[7]
Unit of Ta in SBM1/SBM2. Default is 1
0
Unit is in milliseconds
1
Unit is in seconds
D[6:0]
MSB value of Ta
0C
MOD_Ta_REG2
(Ta Control Register)
0000_0000
R/W
D[7:0]
Unit of Ta in SBM1/SBM2
LSB value of Ta
0D
MOD_ITH_REG1
(Current Threshold Register)
0000_0000
R/W
D[7:0]
MSB bits of 16 bits SBM2 threshold register
0E
MOD_ITH_REG2
(Current Threshold Register)
0000_0000
R/W
D[7:0]
LSB bits of 16 bits SBM2 threshold register
Table 33. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com