Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 24 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 24 Page - ams AG

Back Button AS8510 Datasheet HTML 20Page - ams AG AS8510 Datasheet HTML 21Page - ams AG AS8510 Datasheet HTML 22Page - ams AG AS8510 Datasheet HTML 23Page - ams AG AS8510 Datasheet HTML 24Page - ams AG AS8510 Datasheet HTML 25Page - ams AG AS8510 Datasheet HTML 26Page - ams AG AS8510 Datasheet HTML 27Page - ams AG AS8510 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
www.austriamicrosystems.com/AS8510
Revision 3.4
24 - 46
AS8510
Datasheet - Detailed Descr i p ti on
Figure 11. Protocol for Serial Data Write with Length = 4
7.8.3 Read Command
For Read command C0=1. After the command code C0, the address of register to be read is provided from MSB to LSB. Then one or more data
bytes can be transferred from the SPI slave to the master, always from MSB to LSB. To transfer more bytes from consecutive addresses, SPI
master keeps CS signal LOW and SPI clock active as long as it desires to read data from the slave. Each bit of the command and address of the
frame is to be driven by the SPI master on the SPI clock transfer edge where SPI slave samples it on the next SPI clock edge.
Each bit of the data section of the frame is driven by the SPI slave on the SPI clock transfer edge and SPI master samples it on the next SPI
clock edge. These edges are determined as per Table 29 and examples of read command without and with address self-increment.
Figure 12. Protocol for Serial Data Read with Length = 1
CS
SCLK
SDI
SDO
0
A
6
A
1
A
4
A
2
A
3
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
Data D7-D0 is
moved to Address
A4-A0 here
Data D7-D0 is
moved to Address
A4-A0 +1 here
Data D7-D0 is
moved to Address
A4-A0 +2 here
Data D7-D0 is
moved to Address
A4-A0 +3 here
Data D7-D0 is
moved to Address
A4-A0 +4 here
A
0
A
5
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0
CS
SCLK
SDI
SDO
1
A6
A5
A4
A0
A1
A2
A3
D0
D1
D2
D3
D4
D5
D7
D6
Data D7 – D0 at
Address A4..A0 is
read here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com