Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 26 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 26 Page - ams AG

Back Button AS8510 Datasheet HTML 22Page - ams AG AS8510 Datasheet HTML 23Page - ams AG AS8510 Datasheet HTML 24Page - ams AG AS8510 Datasheet HTML 25Page - ams AG AS8510 Datasheet HTML 26Page - ams AG AS8510 Datasheet HTML 27Page - ams AG AS8510 Datasheet HTML 28Page - ams AG AS8510 Datasheet HTML 29Page - ams AG AS8510 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
www.austriamicrosystems.com/AS8510
Revision 3.4
26 - 46
AS8510
Datasheet - Detailed Descr i p ti on
Figure 15. Read Timing for Reading
7.8.5 SPI Interface Timing
Table 32. SPI Interface Timing
Symbol
Parameter
Conditions
Min
Typ
Max
Units
General
BRSPI
Bit rate
1
Mbps
TSCLKH
Clock high time
400
ns
TSCLKL
Clock low time
400
ns
Write timing
tDIS
Data in setup time
20
ns
tDIH
Data in hold time
20
ns
TCSH
CS hold time
20
ns
Read timing
tDOD
Data out delay
80
ns
tDOHZ
Data out to high impedance delay
Time for the SPI to release the SDO
bus
80
ns
Timing parameters when entering 4-Wire SPI mode (for determination of CLK polarity)
tCPS
Clock setup time
(CLK polarity)
Setup time of SCLK with respect to CS
falling edge
20
ns
tCPHD
Clock hold time
(CLK polarity)
Hold time of SCLK with respect to CS
falling edge
20
ns
CS
SCLK
SDI
SDO
tDOHZ
tDOD
DATAI
DATAI
DATAO (D7 )
DATAO (D0 )
tSCLKH
tSCLKL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com