Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 34 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 34 Page - ams AG

Back Button AS8510 Datasheet HTML 30Page - ams AG AS8510 Datasheet HTML 31Page - ams AG AS8510 Datasheet HTML 32Page - ams AG AS8510 Datasheet HTML 33Page - ams AG AS8510 Datasheet HTML 34Page - ams AG AS8510 Datasheet HTML 35Page - ams AG AS8510 Datasheet HTML 36Page - ams AG AS8510 Datasheet HTML 37Page - ams AG AS8510 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
www.austriamicrosystems.com/AS8510
Revision 3.4
34 - 46
AS8510
Datasheet - Detailed Descr i p ti on
15
PD_CTL_REG_2
(Power Down Control Register)
1111_0011
R/W
D[7]
0
Disable CIC1 of both channels
1
Enable CIC1 of both channels
D[6]
0
Disable CIC2 of both channels
1
Enable CIC2 of both channels
D[5]
0
Disable Dechopper in both channels
1
Enable Dechopper in both channels
D[4]
0
Disable FIR in both channels
1
Enable FIR in both channels
D[3]
0
Do not bypass PGA in Current Channel
Default 0
1
Bypass PGA in Current Channel
D[2]
0
Do not bypass PGA in Voltage Channel
Default 0
1
Bypass PGA in Voltage Channel
D[1]
0
Disable Current Channel Chopper
1
Enable Current Channel Chopper
D[0]
0
Disable Voltage Channel Chopper
1
Enable Voltage Channel Chopper
16
PD_CTL_REG_3
(Power Down Control Register)
1111_1000
D[7]
0
Disable Common Mode Reference
1
Enable Common Mode Reference
D[6]
0
Disable Internal Current Source
1
Enable Internal Current Source
D[5]
0
Disable Internal temperature sensor
1
Enable Internal temperature sensor
D[4]
Reserved. (Default 1) Do not change
D[3]
Reserved. (Default 1) Do not change
D[2]
0
Data Output in binary numbering system
1
Data Output in 2’s complement numbering
system
D[1]
Reserved. (Default 0) Do not change
D[0]
Reserved
Table 33. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com