Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 35 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 35 Page - ams AG

Back Button AS8510 Datasheet HTML 31Page - ams AG AS8510 Datasheet HTML 32Page - ams AG AS8510 Datasheet HTML 33Page - ams AG AS8510 Datasheet HTML 34Page - ams AG AS8510 Datasheet HTML 35Page - ams AG AS8510 Datasheet HTML 36Page - ams AG AS8510 Datasheet HTML 37Page - ams AG AS8510 Datasheet HTML 38Page - ams AG AS8510 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
www.austriamicrosystems.com/AS8510
Revision 3.4
35 - 46
AS8510
Datasheet - Detailed Descr i p ti on
17
ACH_CTL_REG
(Analog Channel Selection
Register)
0000_0000
R/W
D[7:6]
These bits specify the selection of voltage/temperature
in Voltage Channel
Default is 00 (Voltage Channel)
00
Voltage Channel
01
External Temperature Channel ETR
10
External Temperature Channel ETS
11
Internal Temperature Channel
D[5]
Reserved. (Default 0) Do not change
D[4]
Internal current source switch enable. Default is 0
Note:
D4 bit is used for Enabling current source to
the channel selected by bits D[7,6] of this
register.
0
Disabled
1
Enabled
D[3]
Enable/disable Internal current source to RSHH pin of
Current channel
0
Disabled
1
Enabled
D[2]
Enable/disable current source switch to RSHL pin of
Current channel
0
Disabled
1
Enabled
D[1:0]
Reserved
18
ISC_CTL_REG
(Current Source Setting Register)
0000_0000
R/W
D[7:3]
These three bits specify the selection of magnitude of
current from the Internal current source. Default is
00000 (0µA).
00000
0µA
00001
8.5µA
00010
17µA
00100
34.5µA
01000
68µA
10000
135µA
11111
270µA
D[2:0]
Reserved
19
OTP_EN_REG
0000_0000
R/W
D[7]
1
Reserved (default = 1) Do not change
D[6:0]
Reserved
44
STATUS_REG_2
0000_0000
R
D[7]
Status indicating data saturation in Current channel
D[6]
Status indicating data saturation in Voltage channel
D[5:0]
Reserved
Table 33. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com