Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 33 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 33 Page - ams AG

Back Button AS8510 Datasheet HTML 29Page - ams AG AS8510 Datasheet HTML 30Page - ams AG AS8510 Datasheet HTML 31Page - ams AG AS8510 Datasheet HTML 32Page - ams AG AS8510 Datasheet HTML 33Page - ams AG AS8510 Datasheet HTML 34Page - ams AG AS8510 Datasheet HTML 35Page - ams AG AS8510 Datasheet HTML 36Page - ams AG AS8510 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
www.austriamicrosystems.com/AS8510
Revision 3.4
33 - 46
AS8510
Datasheet - Detailed Descr i p ti on
0F
MOD_TMC_REG1
(TMC Control Registers)
0000_0000
R/W
D[7:0]
MSB value of number of data samples to be dropped
from ADC before sending Interrupt in NOM2
10
MOD_TMC_REG2
(TMC Control Register)
0000_0000
R/W
D[7:0]
LSB value of number of data samples to be dropped
from ADC before sending Interrupt in NOM2
11
NOM_ITH_REG1
0000_0000
R/W
D[7:0]
Eight MSB bits of NOM2 current threshold register
12
NOM_ITH_REG2
0000_0000
R/W
D[7:0]
Eight LSB bits of NOM2 current threshold register
Analog Control Registers
13
PGA_CTL_REG
(PGA Control Registers)
0101_0000
R/W
D[7:6]
Setting of Gain G of Current Channel PGA. Default is
01 (G = 25)
00
5
01
25
10
40
11
100
D[5:4]
Setting of Gain G in Voltage channel. Default is 01 (G =
25)
00
5
01
25
10
40
11
100
D[3:0]
Reserved
14
PD_CTL_REG_1
(Power Down Control Register)
1100_1111
R/W
D[7]
0
Disable Chopper clock to Current channel
1
Enable Chopper clock to Current channel
D[6]
0
Disable Chopper clock to Voltage channel
1
Enable Chopper clock to Voltage channel
D[5]
Reserved
D[4]
Reserved
D[3]
0
Disable Current channel PGA
1
Enable Current channel PGA
D[2]
0
Disable Current channel
ΣΔ Modulator
1
Enable Current channel
ΣΔ Modulator
D[1]
0
Disable Voltage channel PGA
1
Enable Voltage channel PGA
D[0]
0
Disable Voltage channel
ΣΔ Modulator
1
Enable Voltage channel
ΣΔ Modulator
Table 33. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com