Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED805 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HVLED805
Description  Off-line LED driver with primary-sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED805 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HVLED805 Datasheet HTML 2Page - STMicroelectronics HVLED805 Datasheet HTML 3Page - STMicroelectronics HVLED805 Datasheet HTML 4Page - STMicroelectronics HVLED805 Datasheet HTML 5Page - STMicroelectronics HVLED805 Datasheet HTML 6Page - STMicroelectronics HVLED805 Datasheet HTML 7Page - STMicroelectronics HVLED805 Datasheet HTML 8Page - STMicroelectronics HVLED805 Datasheet HTML 9Page - STMicroelectronics HVLED805 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Electrical characteristics
HVLED805
6/29
Doc ID 18077 Rev 1
VDMGH
Upper clamp voltage
IDMG = 1 mA
3.0
3.3
3.6
V
VDMGL
Lower clamp voltage
IDMG = - 1 mA
-90
-60
-30
mV
VDMGA
Arming voltage
positive-going edge
100
110
120
mV
VDMGT
Triggering voltage
negative-going edge
50
60
70
mV
IDMGON
Min. source current during MOSFET ON-time
-25
-50
-75
µA
TBLANK
Trigger blanking time after MOSFET’s turn-off
VCOMP ≥ 1.3V
6
µs
VCOMP = 0.9V
30
Line feedforward
RFF
Equivalent feedforward resistor
IDMG = 1mA
45
Ω
Transconductance error amplifier
VREF
Voltage reference
Tj = 25 °C (1)
2.45
2.51
2.57
V
Tj = -25 to 125°C and
Vcc=12V to 23V (1)
2.4
2.6
gm
Transconductance
ΔI
COMP = ±10 µA
VCOMP = 1.65 V
1.3
2.2
3.2
mS
Gv
Voltage gain
Open loop
73
dB
GB
Gain-bandwidth product
500
kHz
ICOMP
Source current
VDMG = 2.3V, VCOMP = 1.65V
70
100
µA
Sink current
VDMG = 2.7V, VCOMP = 1.65V
400
750
µA
VCOMPH Upper COMP voltage
VDMG = 2.3V
2.7
V
VCOMPL Lower COMP voltage
VDMG = 2.7V
0.7
V
VCOMPBM Burst-mode threshold
1
V
Hys
Burst-mode hysteresis
65
mV
Current reference
VILEDx
Maximum value
VCOMP = VCOMPL
(1)
1.5
1.6
1.7
V
VCLED
Current reference voltage
0.192
0.2
0.208
V
Current sense
tLEB
Leading-edge blanking
200
250
300
ns
td(H-L)
Delay-to-output
300
ns
VCSx
Max. clamp value
(1) dVcs/dt = 200 mV/µs
0.7
0.75
0.8
V
VCSdis
Hiccup-mode OCP level
(1)
0.92
1
1.08
V
1.
Parameters tracking each other
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com