Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED805 Datasheet(PDF) 24 Page - STMicroelectronics

Part # HVLED805
Description  Off-line LED driver with primary-sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED805 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button HVLED805 Datasheet HTML 20Page - STMicroelectronics HVLED805 Datasheet HTML 21Page - STMicroelectronics HVLED805 Datasheet HTML 22Page - STMicroelectronics HVLED805 Datasheet HTML 23Page - STMicroelectronics HVLED805 Datasheet HTML 24Page - STMicroelectronics HVLED805 Datasheet HTML 25Page - STMicroelectronics HVLED805 Datasheet HTML 26Page - STMicroelectronics HVLED805 Datasheet HTML 27Page - STMicroelectronics HVLED805 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Application information
HVLED805
24/29
Doc ID 18077 Rev 1
before the VCC capacitor is charged again and the device restarted. Ultimately, this will
result in a low-frequency intermittent operation (Hiccup-mode operation), with very low
stress on the power circuit. This special condition is illustrated in the timing diagram of
Figure 18
.
5.10
Layout recommendations
A proper printed circuit board layout is essential for correct operation of any switch-mode
converter and this is true for the HVLED805 as well. Careful component placing, correct
traces routing, appropriate traces widths and compliance with isolation distances are the
major issues. In particular:
●
The compensation network should be connected as close as possible to the COMP
pin, maintaining the trace for the GND as short as possible
●
Signal ground should be routed separately from power ground, as well from the sense
resistor trace.
Figure 19.
Hiccup-mode OCP: timing diagram
VDS
VccON
VccOFF
Vccrest
Secondary diode is shorted here
t
t
t
VSOURCE
1 V
Two switching cycles
VCC
Vcsdis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com