Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED805 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HVLED805
Description  Off-line LED driver with primary-sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED805 Datasheet(HTML) 5 Page - STMicroelectronics

  HVLED805 Datasheet HTML 1Page - STMicroelectronics HVLED805 Datasheet HTML 2Page - STMicroelectronics HVLED805 Datasheet HTML 3Page - STMicroelectronics HVLED805 Datasheet HTML 4Page - STMicroelectronics HVLED805 Datasheet HTML 5Page - STMicroelectronics HVLED805 Datasheet HTML 6Page - STMicroelectronics HVLED805 Datasheet HTML 7Page - STMicroelectronics HVLED805 Datasheet HTML 8Page - STMicroelectronics HVLED805 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
HVLED805
Electrical characteristics
Doc ID 18077 Rev 1
5/29
3
Electrical characteristics
TJ = -25 to 125 °C, Vcc=14 V; unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
Power section
V(BR)DSS Drain-source breakdown
ID< 100 µA; Tj = 25 °C
800
V
IDSS
Off state drain current
VDS = 750V; Tj = 125 °C
(See Figure 4 and note)
80
µA
RDS(on)
Drain-source ON-state resistance
Id=250 mA; Tj = 25 °C
11
14
Ω
Id=250 mA; Tj = 125 °C
28
Coss
Effective (energy-related) output capacitance (See Figure 3)
High-voltage start-up generator
VStart
Min. drain start voltage
Icharge < 100µA
40
50
60
V
Icharge
Vcc startup charge current
VDRAIN> VStart; Vcc<VccOn,
Tj = 25 °C
45.5
7
mA
VDRAIN> VStart; Vcc<VccOn
+/-10%
VCCrestart
Vcc restart voltage
(Vcc falling)
(1)
9.5
10.5
11.5
V
After protection tripping
5
Supply voltage
Vcc
Operating range
After turn-on
11.5
23
V
VccOn
Turn-on threshold
(1)
12
13
14
V
VccOff
Turn-off threshold
(1)
910
11
V
VZ
Zener voltage
Icc = 20mA
23
25
27
V
Supply current
Iccstart-up Start-up current
(See Figure 5)
200
300
µA
Iq
Quiescent current
(See Figure 6)1
1.4
mA
Icc
Operating supply current @ 50 kHz
(See Figure 7)1.4
1.7
mA
Iq(fault)
Fault quiescent current
During hiccup and brownout
(See Figure 8)
250
350
µA
Start-up timer
TRESTART Start timer period
105
140
175
µs
TSTART
Restart timer period during burst mode
420
500
700
µs
Demagnetization detector
IDMGb
Input bias current
VDMG = 0.1 to 3V
0.1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com