Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED805 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HVLED805
Description  Off-line LED driver with primary-sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED805 Datasheet(HTML) 4 Page - STMicroelectronics

  HVLED805 Datasheet HTML 1Page - STMicroelectronics HVLED805 Datasheet HTML 2Page - STMicroelectronics HVLED805 Datasheet HTML 3Page - STMicroelectronics HVLED805 Datasheet HTML 4Page - STMicroelectronics HVLED805 Datasheet HTML 5Page - STMicroelectronics HVLED805 Datasheet HTML 6Page - STMicroelectronics HVLED805 Datasheet HTML 7Page - STMicroelectronics HVLED805 Datasheet HTML 8Page - STMicroelectronics HVLED805 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Maximum ratings
HVLED805
4/29
Doc ID 18077 Rev 1
2
Maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VDS
1,2, 13-16 Drain-to-source (ground) voltage
-1 to 800
V
ID
1,2, 13-16 Drain current (1)
1.
Limited by maximum temperature allowed.
1A
Eav
1,2, 13-16 Single pulse avalanche energy (Tj = 25°C, ID = 0.7A)
50
mJ
Vcc
3
Supply voltage (Icc < 25mA)
Self limiting
V
IDMG
6
Zero current detector current
±2
mA
Vcomp
7
Analog input
-0.3 to 3.6
V
Ptot
Power dissipation @TA = 50°C
0.9
W
TJ
Junction temperature range
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Max. value
Unit
RthJP
Thermal resistance, junction-to-pin
10
°C/W
RthJA
Thermal resistance, junction-to-ambient
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com