Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED805 Datasheet(PDF) 23 Page - STMicroelectronics

Part # HVLED805
Description  Off-line LED driver with primary-sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED805 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button HVLED805 Datasheet HTML 19Page - STMicroelectronics HVLED805 Datasheet HTML 20Page - STMicroelectronics HVLED805 Datasheet HTML 21Page - STMicroelectronics HVLED805 Datasheet HTML 22Page - STMicroelectronics HVLED805 Datasheet HTML 23Page - STMicroelectronics HVLED805 Datasheet HTML 24Page - STMicroelectronics HVLED805 Datasheet HTML 25Page - STMicroelectronics HVLED805 Datasheet HTML 26Page - STMicroelectronics HVLED805 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
HVLED805
Application information
Doc ID 18077 Rev 1
23/29
5.8
Soft-start and starter block
The soft start feature is automatically implemented by the constant current block, as the
primary peak current will be limited from the voltage on the CLED capacitor.
During start-up, as the output voltage is zero, the IC will start in CC mode with no high peak
current operations. In this way the voltage on the output capacitor will increase slowly and
the soft-start feature will be ensured.
Actually the CLED value is not important to define the soft-start time, as its duration depends
on others circuit parameters, like transformer ratio, sense resistor, output capacitors and
load. The user will define the best appropriate value by experiments.
5.9
Hiccup mode OCP
The device is also protected against short circuit of the secondary rectifier, short circuit on
the secondary winding or a hard-saturated flyback transformer. A comparator monitors
continuously the voltage on the RSENSE and activates a protection circuitry if this voltage
exceeds 1 V.
To distinguish an actual malfunction from a disturbance (e.g. induced during ESD tests), the
first time the comparator is tripped the protection circuit enters a “warning state”. If in the
subsequent switching cycle the comparator is not tripped, a temporary disturbance is
assumed and the protection logic will be reset in its idle state; if the comparator will be
tripped again a real malfunction is assumed and the device will be stopped.
This condition is latched as long as the device is supplied. While it is disabled, however, no
energy is coming from the self-supply circuit; hence the voltage on the VCC capacitor will
decay and cross the UVLO threshold after some time, which clears the latch. The internal
start-up generator is still off, then the VCC voltage still needs to go below its restart voltage
Figure 18.
Load-dependent operating modes: timing diagrams
COMP
IDS
65 mV
hyster.
Normal-mode
Burst-mode
Normal-mode
TSTART
TSTART
TSTART
TSTART
VCOMPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com