Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED805 Datasheet(PDF) 13 Page - STMicroelectronics

Part # HVLED805
Description  Off-line LED driver with primary-sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED805 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button HVLED805 Datasheet HTML 9Page - STMicroelectronics HVLED805 Datasheet HTML 10Page - STMicroelectronics HVLED805 Datasheet HTML 11Page - STMicroelectronics HVLED805 Datasheet HTML 12Page - STMicroelectronics HVLED805 Datasheet HTML 13Page - STMicroelectronics HVLED805 Datasheet HTML 14Page - STMicroelectronics HVLED805 Datasheet HTML 15Page - STMicroelectronics HVLED805 Datasheet HTML 16Page - STMicroelectronics HVLED805 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
HVLED805
Application information
Doc ID 18077 Rev 1
13/29
5.1
Power section and gate driver
The power section guarantees safe avalanche operation within the specified energy rating
as well as high dv/dt capability. The Power MOSFET has a V(BR)DSS of 800V min. and a
typical RDSon of 11 Ω.
The gate driver of the power MOSFET is designed to supply a controlled gate current during
both turn-on and turn-off in order to minimize common mode EMI. Under UVLO conditions
an internal pull-down circuit holds the gate low in order to ensure that the power MOSFET
cannot be turned on accidentally.
5.2
High voltage startup generator
Figure 10 shows the internal schematic of the high-voltage start-up generator (HV
generator). It includes an 800 V-rated N-channel MOSFET, whose gate is biased through
the series of a 12 M
Ω resistor and a 14 V zener diode, with a controlled, temperature-
compensated current generator connected to its source. The HV generator input is in
common with the DRAIN pin, while its output is the supply pin of the device (Vcc). A mains
“UVLO” circuit (separated from the UVLO of the device that sense Vcc) keeps the HV
generator off if the drain voltage is below VSTART (50 V typical value).
With reference to the timing diagram of Figure 11, when power is applied to the circuit and
the voltage on the input bulk capacitor is high enough, the HV generator is sufficiently
biased to start operating, thus it will draw about 5.5 mA (typical) from the bulk capacitor.
Figure 10.
High-voltage start-up generator: internal schematic
Ic ha rge
IHV
CO NTRO L
Mai ns UV LO
Vcc_O K
HV_EN
12M
14 V
S OURCE
DRAIN
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com