Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED805 Datasheet(PDF) 17 Page - STMicroelectronics

Part # HVLED805
Description  Off-line LED driver with primary-sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED805 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button HVLED805 Datasheet HTML 13Page - STMicroelectronics HVLED805 Datasheet HTML 14Page - STMicroelectronics HVLED805 Datasheet HTML 15Page - STMicroelectronics HVLED805 Datasheet HTML 16Page - STMicroelectronics HVLED805 Datasheet HTML 17Page - STMicroelectronics HVLED805 Datasheet HTML 18Page - STMicroelectronics HVLED805 Datasheet HTML 19Page - STMicroelectronics HVLED805 Datasheet HTML 20Page - STMicroelectronics HVLED805 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
HVLED805
Application information
Doc ID 18077 Rev 1
17/29
Due to the parasitic wires resistance, the auxiliary voltage is representative of the output just
when the secondary current becomes zero. For this purpose, the signal on DMG pin is
sampled-and-held at the end of transformer’s demagnetization to get an accurate image of
the output voltage and it is compared with the error amplifier internal reference.
During the MOSFET’s OFF-time the leakage inductance resonates with the drain
capacitance and a damped oscillation is superimposed on the reflected voltage. The S/H
logic is able to discriminate such oscillations from the real transformer’s demagnetization.
When the DMG logic detects the transformer’s demagnetization, the sampling process
stops, the information is frozen and compared with the error amplifier internal reference.
The internal error amplifier is a transconductance type and delivers an output current
proportional to the voltage unbalance of the two outputs: the output generates the control
voltage that is compared with the voltage across the sense resistor, thus modulating the
cycle-by-cycle peak drain current.
The COMP pin is used for the frequency compensation: usually, an RC network, which
stabilizes the overall voltage control loop, is connected between this pin and ground.
The output voltage can be defined according the formula:
Equation 1
Where nSEC and nAUX are the secondary and auxiliary turn’s number respectively.
The RDMG value can be defined depending on the application parameters (see “Section 5.6:
Voltage feedforward block on page 20” section).
Figure 14.
Voltage control principle: internal schematic
2.5V
Rdmg
From Rsense
Aux
EA
R
To PWM Logic
S/H
Rfb
DEMAG
LOGIC
CV
C
COMP
DMG
DMG
REF
OUT
SEC
AUX
REF
FB
R
V
V
n
n
V
R
⋅
−
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com