Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED805 Datasheet(PDF) 22 Page - STMicroelectronics

Part # HVLED805
Description  Off-line LED driver with primary-sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED805 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button HVLED805 Datasheet HTML 18Page - STMicroelectronics HVLED805 Datasheet HTML 19Page - STMicroelectronics HVLED805 Datasheet HTML 20Page - STMicroelectronics HVLED805 Datasheet HTML 21Page - STMicroelectronics HVLED805 Datasheet HTML 22Page - STMicroelectronics HVLED805 Datasheet HTML 23Page - STMicroelectronics HVLED805 Datasheet HTML 24Page - STMicroelectronics HVLED805 Datasheet HTML 25Page - STMicroelectronics HVLED805 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Application information
HVLED805
22/29
Doc ID 18077 Rev 1
This offset is proportional to VIN and is used to compensate the current overshoot,
according to the formula:
Equation 13
Finally, the Rdmg resistor can be calculated as follows:
Equation 14
In this case the peak drain current does not depend on input voltage anymore.
One more consideration concerns the Rdmg value: during MOSFET’s ON-time, the current
sourced by the DMG pin, IDMG, is compared with an internal reference current IDMGON (-50
µA typical).
If IDMG < IDMGON, the brownout function is activated and the IC is shut-down.
This feature is especially important when the auxiliary winding is accidentally disconnected
and considerably increases the end-product’s safety and reliability.
5.7
Burst-mode operation at no load or very light load
When the voltage at the COMP pin falls 65 mV below a threshold fixed internally at a value,
VCOMPBM, the IC is disabled with the MOSFET kept in OFF state and its consumption
reduced at a lower value to minimize Vcc capacitor discharge.
In this condition the converter operates in burst-mode (one pulse train every TSTART=500
µs), with minimum energy transfer.
As a result of the energy delivery stop, the output voltage decreases: after 500 µs the
controller switches-on the MOSFET again and the sampled voltage on the DMG pin is
compared with the internal reference. If the voltage on the EA output, as a result of the
comparison, exceeds the VCOMPL threshold, the device restarts switching, otherwise it stays
OFF for another 500 µs period.
In this way the converter will work in burst-mode with a nearly constant peak current defined
by the internal disable level. A load decrease will then cause a frequency reduction, which
can go down even to few hundred hertz, thus minimizing all frequency-related losses and
making it easier to comply with energy saving regulations. This kind of operation, shown in
the timing diagrams of Figure 19 along with the others previously described, is noise-free
since the peak current is low
dmg
FF
IN
SENSE
p
d
IN
R
m
R
V
R
L
T
V
⋅
⋅
=
⋅
⋅
SENSE
d
FF
p
PRI
AUX
dmg
R
T
R
L
N
N
R
⋅
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com