Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED805 Datasheet(PDF) 14 Page - STMicroelectronics

Part # HVLED805
Description  Off-line LED driver with primary-sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED805 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button HVLED805 Datasheet HTML 10Page - STMicroelectronics HVLED805 Datasheet HTML 11Page - STMicroelectronics HVLED805 Datasheet HTML 12Page - STMicroelectronics HVLED805 Datasheet HTML 13Page - STMicroelectronics HVLED805 Datasheet HTML 14Page - STMicroelectronics HVLED805 Datasheet HTML 15Page - STMicroelectronics HVLED805 Datasheet HTML 16Page - STMicroelectronics HVLED805 Datasheet HTML 17Page - STMicroelectronics HVLED805 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Application information
HVLED805
14/29
Doc ID 18077 Rev 1
Most of this current will charge the bypass capacitor connected between the Vcc pin and
ground and make its voltage rise linearly.
As the Vcc voltage reaches the start-up threshold (13 V typ.) the chip starts operating, the
internal power MOSFET is enabled to switch and the HV generator is cut off by the Vcc_OK
signal asserted high. The IC is powered by the energy stored in the Vcc capacitor.
The chip is able to power itself directly from the rectified mains: when the voltage on the VCC
pin falls below Vccrestart (10.5V typ.), during each MOSFET’s off-time the HV current
generator is turned on and charges the supply capacitor until it reaches the VCCOn
threshold.
In this way, the self-supply circuit develops a voltage high enough to sustain the operation of
the device. This feature is useful especially during CC regulation, when the flyback voltage
generated by the auxiliary winding alone may not be able to keep Vcc above VCCrestart.
At converter power-down the system will lose regulation as soon as the input voltage falls
below VStart. This prevents converter’s restart attempts and ensures monotonic output
voltage decay at system power-down.
Figure 11.
Timing diagram: normal power-up and power-down sequences
Vcc
DRAIN
VccON
Vccrestart
t
tt
t
Vin
VStart
Icharge
5.5 mA
t
t
Power-on
Power-off
Normal operation
CV mode
CC mode
Normal operation
Vcc
DRAIN
VccON
Vccrestart
t
tt
t
Vin
VStart
Icharge
5.5 mA
t
t
Power-on
Power-off
Normal operation
CV mode
CC mode
Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com