Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED805 Datasheet(PDF) 15 Page - STMicroelectronics

Part # HVLED805
Description  Off-line LED driver with primary-sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED805 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button HVLED805 Datasheet HTML 11Page - STMicroelectronics HVLED805 Datasheet HTML 12Page - STMicroelectronics HVLED805 Datasheet HTML 13Page - STMicroelectronics HVLED805 Datasheet HTML 14Page - STMicroelectronics HVLED805 Datasheet HTML 15Page - STMicroelectronics HVLED805 Datasheet HTML 16Page - STMicroelectronics HVLED805 Datasheet HTML 17Page - STMicroelectronics HVLED805 Datasheet HTML 18Page - STMicroelectronics HVLED805 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
HVLED805
Application information
Doc ID 18077 Rev 1
15/29
5.3
Secondary side demagnetization detection and triggering
block
The demagnetization detection (DMG) and Triggering blocks switch on the power MOSFET
if a negative-going edge falling below 50 mV is applied to the DMG pin. To do so, the
triggering block must be previously armed by a positive-going edge exceeding 100 mV.
This feature is used to detect transformer demagnetization for QR operation, where the
signal for the DMG input is obtained from the transformer’s auxiliary winding used also to
supply the IC.
The triggering block is blanked after MOSFET’s turn-off to prevent any negative-going edge
that follows leakage inductance demagnetization from triggering the DMG circuit
erroneously.
This blanking time is dependent on the voltage on COMP pin: it is TBLANK = 30 µs for VCOMP
= 0.9 V, and decreases almost linearly down to TBLANK = 6 µs for VCOMP = 1.3 V
The voltage on the pin is both top and bottom limited by a double clamp, as illustrated in the
internal diagram of the DMG block of Figure 12. The upper clamp is typically located at 3.3
V, while the lower clamp is located at -60mV. The interface between the pin and the auxiliary
winding will be a resistor divider. Its resistance ratio as well as the individual resistance
values will be properly chosen (see “Section 5.5: Constant current operation on page 18”
and “Section 5.6: Voltage feedforward block on page 20”.
Please note that the maximum IDMG sunk/sourced current has to not exceed ±2 mA (AMR)
in all the Vin range conditions. No capacitor is allowed between DMG pin and the auxiliary
transformer.
The switching frequency is top-limited below 166 kHz, as the converter’s operating
frequency tends to increase excessively at light load and high input voltage.
A Starter block is also used to start-up the system, that is, to turn on the MOSFET during
converter power-up, when no or a too small signal is available on the DMG pin.
The starter frequency is 2 kHz if COMP pin is below burst mode threshold, i.e. 1 V, while it
becomes 8 kHz if this voltage exceed this value.
Figure 12.
DMG block, triggering block
60mV
DMG
CLAMP
BLAN KIN G
TIME
TUR N-ON
LOGIC
STAR TER
S
R
Q
LEB
Aux
Rfb
Rdmg
To Driver
From CC/C V Block
From OCP
DMG
110mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com