Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLDC08 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLDC08
Description  Step-up controller for LED supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLDC08 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLDC08 Datasheet HTML 3Page - STMicroelectronics STLDC08 Datasheet HTML 4Page - STMicroelectronics STLDC08 Datasheet HTML 5Page - STMicroelectronics STLDC08 Datasheet HTML 6Page - STMicroelectronics STLDC08 Datasheet HTML 7Page - STMicroelectronics STLDC08 Datasheet HTML 8Page - STMicroelectronics STLDC08 Datasheet HTML 9Page - STMicroelectronics STLDC08 Datasheet HTML 10Page - STMicroelectronics STLDC08 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
STLDC08
Pin configuration
Doc ID 18476 Rev 1
7/29
3
Pin configuration
Figure 3.
Pin connections (top through view)
Top view
Bottom view
Table 6.
Pin description
Pin #
Pin name
Pin function
1
VOUT
Over voltage protection and supply pin for the IC when VOUT > 2 V
2PWMOUT
Driver of the external MOSFET for PWM dimming. The driver stage is controlled by
EN/PWM signal
3
2Vcc
Charge pump output
4VCC
Supply voltage when VOUT < 2 V, this pin represents the input of the internal charge
pump
5
FB
Feedback pin for LED current control
6
SENSE
Sense resistor for current mode control and peak current limit
7
EN/PWM
Enable pin and PWM control input for PWMOUT pin
8
GND
Ground reference
9
DRV
Driver output for Boost stage MOSFET
10
V5
Internal regulator output. Decouple this pin locally to the IC ground with a minimum
of 1 µF ceramic capacitor
Exposed Pad
The exposed pad needs to be connected and soldered to analog ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com