Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLDC08 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLDC08
Description  Step-up controller for LED supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLDC08 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLDC08 Datasheet HTML 4Page - STMicroelectronics STLDC08 Datasheet HTML 5Page - STMicroelectronics STLDC08 Datasheet HTML 6Page - STMicroelectronics STLDC08 Datasheet HTML 7Page - STMicroelectronics STLDC08 Datasheet HTML 8Page - STMicroelectronics STLDC08 Datasheet HTML 9Page - STMicroelectronics STLDC08 Datasheet HTML 10Page - STMicroelectronics STLDC08 Datasheet HTML 11Page - STMicroelectronics STLDC08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Electrical characteristics
STLDC08
8/29
Doc ID 18476 Rev 1
4
Electrical characteristics
TA = -40 to 85; CIN = 22 µF; COUT =10 µF; PWMOUT = 3300 pF; DVR = 3300 pF; 2VCC =10
nF; V5 =1 µF; VCC = 1.5V; VOUT = 3 V; FB = GND; SENSE = GND; EN/PWM = VCC; unless
otherwise specified.
Table 7.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General section
VCC
Supply voltage range
VOUT = GND
0.8
3.6
V
IVCC
Supply current measured on VCC
pin with charge pump ON
VOUT = GND
3
mA
Shutdown current
EN = GND Shutdown mode
5
10
µA
OVP
Overvoltage protection
Rising edge
18
19.5
V
IVOUT
Operating supply current
measured on VOUT pin
VOUT = 3 V, FB = 500 mV (no
switching)
60
100
µA
VOUT = 3 V, FB = GND
(switching)
800
µA
VOUT = 10 V, FB = GND
(switching)
1.3
2
mA
Shutdown current
EN = GND
5
10
µA
2VCC
Charge pump ON
VOUT floating; VCC = 0.8 V
1.5
V
Driver section (DRV output)
VDRVL
Low level voltage
IDRV = 100 mA
80
160
mV
VDRVH
High level voltage
IDRV = -100 mA
120
240
mV
tR
Rise time
CDRV = 3300 pF
30
ns
tF
Fall time
CDRV = 3300 pF
20
ns
FB
VFB
Feedback voltage
TA = 25 °C
90
105
116
mV
IFB
Bias current
FB = 2 V
20
500
nA
Timing
TOFF(MIN)
Minimum Off time
1
µs
TON(MAX)
Maximum On time
20
µs
PWM OUT section
VPWMOUTL Low level voltage
IPWMOUT = 100 mA
200
400
mV
VPWMOUTH High level voltage
IPWMOUT = - 100 mA
250
500
mV
tr
Rise time
CPWMOUT = 3300 pF
30
ns
tf
Fall time
CPWMOUT = 3300 pF
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com