Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLDC08 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLDC08
Description  Step-up controller for LED supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLDC08 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLDC08 Datasheet HTML 13Page - STMicroelectronics STLDC08 Datasheet HTML 14Page - STMicroelectronics STLDC08 Datasheet HTML 15Page - STMicroelectronics STLDC08 Datasheet HTML 16Page - STMicroelectronics STLDC08 Datasheet HTML 17Page - STMicroelectronics STLDC08 Datasheet HTML 18Page - STMicroelectronics STLDC08 Datasheet HTML 19Page - STMicroelectronics STLDC08 Datasheet HTML 20Page - STMicroelectronics STLDC08 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
STLDC08
Application information
Doc ID 18476 Rev 1
17/29
As a first approximation we choose the inductor ripple current, IL, equal to approximately 40
% of the output current. Higher ripple current allows for smaller inductors, but it also
increases the output capacitance for a given LED current ripple requirement. Conversely,
lower ripple current can be obtained increasing the value of the inductance, and this enables
a reduction of the output capacitor value. This trade-off can be altered once standard
inductance and capacitance values are chosen.
IL is determined by the input and output voltage, the value of the inductance, and TOFF.
The minimum value of inductance which guarantees the fixed inductor ripple current can be
determined using the following equation:
Equation 4
where Vd is the forward drop of the Schottky diode, IL is the fixed inductor ripple current, and
TOFF is the constant OFF time.
The following equation shows the average inductor current as a function of the output
current and duty cycle.
Equation 5
An inductor that can carry the maximum input DC current which occurs at the minimum
input voltage should be chosen. The peak-to-peak ripple current is set by the inductance
and a good starting point is to choose a ripple current of at least 40 % of its maximum value
of the:
Figure 18.
Timing diagram
I
RIPPLE
I
L
t
I
PEAK
I
OUT
T
OFF
T
ON
D
1
I
I
OUT
IN
=
AM07848v1
I
RIPPLE
I
L
t
I
PEAK
I
OUT
T
OFF
T
ON
D
1
I
I
OUT
IN
=
AM07848v1
OFF
L
INMIN
d
OUT
T
)
I
(
)
V
-
V
+
(V
L
×
Δ
>
D
1
I
I
LED
)
AVG
(
L
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com