Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLDC08 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLDC08
Description  Step-up controller for LED supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLDC08 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLDC08 Datasheet HTML 17Page - STMicroelectronics STLDC08 Datasheet HTML 18Page - STMicroelectronics STLDC08 Datasheet HTML 19Page - STMicroelectronics STLDC08 Datasheet HTML 20Page - STMicroelectronics STLDC08 Datasheet HTML 21Page - STMicroelectronics STLDC08 Datasheet HTML 22Page - STMicroelectronics STLDC08 Datasheet HTML 23Page - STMicroelectronics STLDC08 Datasheet HTML 24Page - STMicroelectronics STLDC08 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
STLDC08
Application information
Doc ID 18476 Rev 1
21/29
8.6
Schottky diode selection
Schottky diodes, with their low forward voltage and fast recovery time, are the ideal choice to
maximize efficiency. The output diode in a boost converter conducts current only when the
power switch is OFF. The average current is equal to the output current and the peak current
is equal to the peak inductor current. Ensure that the diode's average and peak current
ratings exceed the average and peak inductor current, respectively. In addition, the diode's
reverse breakdown voltage must exceed the regulator output voltage.
8.7
Input capacitor
The input capacitor of a boost converter is less critical than the output capacitor, due to the
fact that the input current waveform is continuous. The input voltage source impedance
determines the size of the input capacitor, which is typically in the range of 10 µF to 100 µF.
A low ESR capacitor is recommended though it is not as critical as the output capacitor.
8.8
Output capacitor
For best output voltage filtering, a low ESR output capacitor is recommended. Ceramic
capacitors have a low ESR value but tantalum capacitors can be used as well, depending on
the application.
The output voltage ripple consists of two parts, the first is the product IL(PK) ESR, the second
is caused by the charging and discharging process of the output capacitor.
Equation 17
where:
IL(PK) = Peak current
ILED = Load current
COUT = Selected output capacitor
ESR = Output capacitor ESR value
)
PK
(
L
OUT
LED
OUT
I
ESR
C
I
TON
V
×
+
×
=
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com