Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLDC08 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLDC08
Description  Step-up controller for LED supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLDC08 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLDC08 Datasheet HTML 7Page - STMicroelectronics STLDC08 Datasheet HTML 8Page - STMicroelectronics STLDC08 Datasheet HTML 9Page - STMicroelectronics STLDC08 Datasheet HTML 10Page - STMicroelectronics STLDC08 Datasheet HTML 11Page - STMicroelectronics STLDC08 Datasheet HTML 12Page - STMicroelectronics STLDC08 Datasheet HTML 13Page - STMicroelectronics STLDC08 Datasheet HTML 14Page - STMicroelectronics STLDC08 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
STLDC08
Typical performance characteristics
Doc ID 18476 Rev 1
11/29
Figure 10.
Startup timing and dimming ILED
vs. time, 2 LEDs
Figure 11.
Dimming EN/PWM = 200 Hz, 2 LEDs
VCC = 1.5 V; ILED = 200 mA 2LEDs
VCC = 1.5 V; ILED = 200 mA 2LEDs
Figure 12.
Startup timing and dimming ILED
vs. time, 4 LEDs
Figure 13.
Dimming EN/PWM = 200 Hz, 4 LEDs
VCC = 3.6 V; ILED = 300 mA 4LEDs
VCC = 3.6 V; ILED = 300 mA 4LEDs
Figure 14.
VCC = 1.5 V; ILED = 200 mA, 2LEDs
Figure 15.
VCC = 3.6 V; ILED = 300 mA, 4LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com