Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLDC08 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLDC08
Description  Step-up controller for LED supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLDC08 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLDC08 Datasheet HTML 15Page - STMicroelectronics STLDC08 Datasheet HTML 16Page - STMicroelectronics STLDC08 Datasheet HTML 17Page - STMicroelectronics STLDC08 Datasheet HTML 18Page - STMicroelectronics STLDC08 Datasheet HTML 19Page - STMicroelectronics STLDC08 Datasheet HTML 20Page - STMicroelectronics STLDC08 Datasheet HTML 21Page - STMicroelectronics STLDC08 Datasheet HTML 22Page - STMicroelectronics STLDC08 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
STLDC08
Application information
Doc ID 18476 Rev 1
19/29
Equation 11
Equation 12
Equation 13
If the RDS (ON) of the main Power MOSFET is used to sense the current on the inductor the
following procedure must be performed to choose the Power MOSFET. During ON time, the
SENSE comparator limits the voltage across the Power MOSFET to a nominal 100 mV. In
that case, the maximum inductor current is given by the following relationships:
Equation 14
Equation 15
Equation 16
8.5
Power MOSFET selection
A key parameter to take into account in the selection of the N-MOSFET is the maximum
continuous drain current. As a safety design, it is important to choose a maximum
continuous drain current equal to twice the maximum input current.
)
PK
(
L
)
MAX
(
IN
I
2
I
×
=
2
I
D
1
I
I
L
MAX
LED
)
PK
(
L
Δ
+
−
=
)
PK
(
L
SENSE
I
2
1
.
0
R
×
=
)
ON
(
DS
)
ON
(
DS
SENSE
)
MAX
(
L
R
mV
100
R
V
I
=
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
Δ
+
×
−
×
=
×
=
2
I
1
D
1
I
2
I
2
I
L
MAX
LED
)
PK
(
L
)
MAX
(
L
⎟
⎠
⎞
⎜
⎝
⎛
Δ
+
×
×
−
×
<
2
I
1
I
2
D
1
1
.
0
R
L
LED
MAX
)
ON
(
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com