Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLDC08 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLDC08
Description  Step-up controller for LED supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLDC08 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLDC08 Datasheet HTML 9Page - STMicroelectronics STLDC08 Datasheet HTML 10Page - STMicroelectronics STLDC08 Datasheet HTML 11Page - STMicroelectronics STLDC08 Datasheet HTML 12Page - STMicroelectronics STLDC08 Datasheet HTML 13Page - STMicroelectronics STLDC08 Datasheet HTML 14Page - STMicroelectronics STLDC08 Datasheet HTML 15Page - STMicroelectronics STLDC08 Datasheet HTML 16Page - STMicroelectronics STLDC08 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
STLDC08
Detailed description
Doc ID 18476 Rev 1
13/29
7
Detailed description
7.1
Main control loop
The STLDC08 is an LED driver step-up controller dedicated to handheld equipment, having
a typical voltage ranging from 0.8 V to 1.5 V. The controller drives an N-channel Power
MOSFET and implements a hysteretic current mode control with constant OFF time.
Hysteretic operation eliminates the need for small signal control loop compensation. The
control loop adapts the value of the inductor peak current as needed to deliver the desired
current on the LED branch. The LED current is set by an external sense resistor RFB
inserted between the feedback pin (FB) and GND. When the current mode control system
operates in continuous mode the control peak current is almost equivalent to the average
current control.
7.2
Start up
At the startup phase, when the device is connected to the battery or when the EN pin is
pulled high, the internal 2x charge pump starts to work, boosting the voltage on the 2VCC
pin. When the 2VCC pin reaches 1.7 V a soft-start cycle begins. The external main MOSFET
is switched on/off allowing the charging of the output capacitor.
If the optional PWMOUT MOSFET is used for the dimming operation, the PWMOUT pin is
held low, further assuring that no current is flowing. The PWMOUT pin starts to follow the
PWM input when the soft-start cycle is ended.
When VOUT voltage exceeds 1.9 V, the chip starts drawing its supply current from VOUT
rather than from VCC, the charge pump is turned off and the voltage on the 2VCC pin goes to
zero. When VOUT exceeds the forward voltage of LED VLED, the current starts flowing trough
the LED, but, at this point, the voltage on the DRV pin is high enough to allow the main
MOSFET to carry the necessary current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com