Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLDC08 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLDC08
Description  Step-up controller for LED supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLDC08 Datasheet(HTML) 5 Page - STMicroelectronics

  STLDC08 Datasheet HTML 1Page - STMicroelectronics STLDC08 Datasheet HTML 2Page - STMicroelectronics STLDC08 Datasheet HTML 3Page - STMicroelectronics STLDC08 Datasheet HTML 4Page - STMicroelectronics STLDC08 Datasheet HTML 5Page - STMicroelectronics STLDC08 Datasheet HTML 6Page - STMicroelectronics STLDC08 Datasheet HTML 7Page - STMicroelectronics STLDC08 Datasheet HTML 8Page - STMicroelectronics STLDC08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
STLDC08
Application diagram
Doc ID 18476 Rev 1
5/29
Figure 2.
Electric schematic optimized for 4 LEDs and ILED = 300 mA
C1
C2
L1
C6
M1
C4
C5
C3
M2
RF
Rs
Rfb
D1
U1
VCC
4
EN/PWM
7
2VCC
3
GND
8
V5
10
FB
5
PWMOUT
2
VOUT
1
SENSE
6
DRV
9
EXP
11
D2
D3
D4
D5
BATTERY
EN/PWM
AM07892v1
Table 3.
List of components
Part reference
Manufacturer
Part number
Value
Size
C1
Murata
GRM21BR60J106KE19
10 µF, 6.3 V
0805
C2
Murata
GRM31CR61C226K
22 µF, 16 V
1206
C4
Murata
GRM188R70J103KA01B
10 nF, 6.3 V
0603
C3, C5, C6
Murata
GRM188R61C105K
1 µF, 16 V
0603
M1,M2
STMicroelectronics
STS5DNF20V
SO-8
D1
STMicroelectronics
STPS2L30
SMA
L
Coilcraft
DO3316P-223_L
22 µH
12.95 mm x 9.4 mm
Rfb
0.33
Ω
0805
Rs
0.033
Ω
0805
RF
0
Ω
0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com