Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLDC08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLDC08
Description  Step-up controller for LED supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLDC08 Datasheet(HTML) 1 Page - STMicroelectronics

  STLDC08 Datasheet HTML 1Page - STMicroelectronics STLDC08 Datasheet HTML 2Page - STMicroelectronics STLDC08 Datasheet HTML 3Page - STMicroelectronics STLDC08 Datasheet HTML 4Page - STMicroelectronics STLDC08 Datasheet HTML 5Page - STMicroelectronics STLDC08 Datasheet HTML 6Page - STMicroelectronics STLDC08 Datasheet HTML 7Page - STMicroelectronics STLDC08 Datasheet HTML 8Page - STMicroelectronics STLDC08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
February 2011
Doc ID 18476 Rev 1
1/29
29
STLDC08
Step-up controller for LED supply
Features
Input voltage range from 0.8 V to 3.6 V
Overvoltage protection
Drives N-channel MOSFET or NPN bipolar
transistor
No control loop compensation required
FET driver for very precise PWM dimming
Applications
Single/dual cell NiMH, NiCd, or alkaline
batteries
Small appliances LED lighting
Portable lighting
Description
The STLDC08 LED driver step-up controller is
optimized to operate from one or two NiCd/NiMH
or alkaline cells. The IC is able to drive an
external MOSFET (N-channel) enabling it for use
with wide power levels. Hysteretic control
eliminates the need for small signal control loop
compensation. The IC integrates an FET driver for
a precise PWM dimming. STLDC08 comes in a
DFN10 (3 x 3 mm) package.
DFN10 (3 x 3 mm)
Table 1.
Device summary
Order code
Marking
Package
STLDC08PUR
STLDC08
DFN10 (3 x 3 mm.)
www.st.com


Similar Part No. - STLDC08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD1 STMICROELECTRONICS-STLD1 Datasheet
681Kb / 13P
Power-line communication dual line driver
19-Jun-2018
STLD110N10F7 STMICROELECTRONICS-STLD110N10F7 Datasheet
1Mb / 13P
N-channel 100 V, 5 mΩ typ., 107 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 dual side cooling package
26-Feb-2019
STLD125N4F6AG STMICROELECTRONICS-STLD125N4F6AG Datasheet
632Kb / 12P
Automotive N-channel 40 V, 2.4 mΩ typ., 120 A STripFET™F6 Power MOSFET in a PowerFLAT™5x6 dual side cooling
16-Feb-2016
STLD128DNT4 STMICROELECTRONICS-STLD128DNT4 Datasheet
425Kb / 14P
High voltage fast-switching NPN power transistor
01-Oct-2009
STLD1TR STMICROELECTRONICS-STLD1TR Datasheet
681Kb / 13P
Power-line communication dual line driver
19-Jun-2018
More results

Similar Description - STLDC08

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
Step-Up Converter for White LED Applications
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
logo
Richtek Technology Corp...
RT9288A RICHTEK-RT9288A Datasheet
289Kb / 13P
PWM Step-Up DC/DC Controller for White-LED Driver
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
logo
Global Mixed-mode Techn...
G5997 GMT-G5997 Datasheet
188Kb / 2P
Step-up Controller for 12 Strings 60mA White LED Driver
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
Step-Up Converter for White LED Applications
logo
Seiko Instruments Inc
S8333 SII-S8333 Datasheet
2Mb / 44P
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
logo
Major-Power Technology ...
MA2201 MPOWER-MA2201 Datasheet
195Kb / 2P
High Voltage, Step-up LED Driving Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com