Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLDC08 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLDC08
Description  Step-up controller for LED supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLDC08 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLDC08 Datasheet HTML 12Page - STMicroelectronics STLDC08 Datasheet HTML 13Page - STMicroelectronics STLDC08 Datasheet HTML 14Page - STMicroelectronics STLDC08 Datasheet HTML 15Page - STMicroelectronics STLDC08 Datasheet HTML 16Page - STMicroelectronics STLDC08 Datasheet HTML 17Page - STMicroelectronics STLDC08 Datasheet HTML 18Page - STMicroelectronics STLDC08 Datasheet HTML 19Page - STMicroelectronics STLDC08 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Application information
STLDC08
16/29
Doc ID 18476 Rev 1
8
Application information
8.1
LED current programming
The LED current is set by an external resistor connected between the FB pin and GND. The
following equation can be used to calculate the value of the RFB resistor which guarantees
the desired output current:
Equation 1
The feedback signal VFB is compared with the internal precision 100 mV voltage reference
by the error amplifier. The internal reference has a guaranteed tolerance of 10 %. Tolerance
of the sense resistor adds additional error to the output voltage. 1 % resistors are
recommended.
8.2
Duty cycle
The controlled off-time architecture is a hysteretic mode control. Hysteretic operation
eliminates the need for small signal control loop compensation. When the converter runs in
continuous conduction mode (CCM) the controller adapts the TON time in order to obtain the
duty cycle given by the following relationship:
Equation 2
where VO is the output voltage given by:
Equation 3
and VD is the forward voltage of the Schottky diode.
8.3
Inductor selection
As the hysteretic control scheme is inherently stable, the inductor value does not affect the
stability of the regulator. The switching frequency, peak inductor current, and allowable
ripple of the output current determine the value of the inductor.
LED manufacturers generally recommend a value for LED current ripple ranging from 5 % to
20 % of LED average current.
LED
FB
I
1
.
0
R
=
D
OUT
IN
V
V
V
1
D
+
=
FB
)
LED
(
F
O
V
V
n
V
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com